Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC9328AF Datasheet HTML 1Page - Toshiba Semiconductor TC9328AF Datasheet HTML 2Page - Toshiba Semiconductor TC9328AF Datasheet HTML 3Page - Toshiba Semiconductor TC9328AF Datasheet HTML 4Page - Toshiba Semiconductor TC9328AF Datasheet HTML 5Page - Toshiba Semiconductor TC9328AF Datasheet HTML 6Page - Toshiba Semiconductor TC9328AF Datasheet HTML 7Page - Toshiba Semiconductor TC9328AF Datasheet HTML 8Page - Toshiba Semiconductor TC9328AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
TC9328AF
2004-09-13
5
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
32~34
P2-0~P2-2
I/O port 2
35
P2-3/PSC
I/O port 2
/Prescaller
/PSC output
The input and output of these 4-bit I/O
ports can be programmed in 1-bit units.
The P2-3 pin is also used as a PLL
prescaller PSC signal output pin. A PLL
can be configured using an external
prescaller. In such a case, set the pin to
I/O port output.
54~57
P3-0~P3-3
I/O port 3
58~61
P5-0/ADin1~
P5-3/ADin4
I/O port 5
/AD analog voltage
input
62~69
P6-0~P7-3
I/O port 6, 7
4-bit I/O ports, allowing input and output
to be programmed in 1 bit units.
Pins P5-0 to P5-3 can also be used for
analog input to the built-in 6-bit,
4-channel AD converter.
The conversion time of the built-in AD
converter using the successive
comparison method is 280
µs. The
necessary pin can be programmed to
AD analog input in 1-bit units. Up to the
doubled voltage VDB (VDD × 2) can be
input as the AD input voltage.
The I/O ports are N-ch open drain
output. Up to the VDB voltage can be
applied to the AD input pins, and up to
3.6 V can be applied to the I/O port
pins. I/O port 3 can obtain N-ch
high-output current (2 mA typ.) even at
low voltage.
The AD converter and all associated
controls are performed via sortware.
VLCD
VDD
Input
instruction
Input
instruction
VDD
To AD converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com