Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 64 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 64 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 60Page - Toshiba Semiconductor TC9328AF Datasheet HTML 61Page - Toshiba Semiconductor TC9328AF Datasheet HTML 62Page - Toshiba Semiconductor TC9328AF Datasheet HTML 63Page - Toshiba Semiconductor TC9328AF Datasheet HTML 64Page - Toshiba Semiconductor TC9328AF Datasheet HTML 65Page - Toshiba Semiconductor TC9328AF Datasheet HTML 66Page - Toshiba Semiconductor TC9328AF Datasheet HTML 67Page - Toshiba Semiconductor TC9328AF Datasheet HTML 68Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
TC9328AF
2004-09-13
64
The pulse counter measures pulse number of INTR2 pin.
POL bit set up the clock edge of input pin. If “0” is set, it will count in the falling of an input and it will
set to “1”, it will count in the rising of an input. Usually, this bit is used fixed.
DOWN bit sets up a up/down of 8-bit counter. If it sets to “0” and it will set to rise count operation and
“1”, down count operation will be done. A change of a up/down can be performed freely. However, if a clock
pulse is inputted during change command execution, since it is canceled, be careful of this count.
When 28 or more pulses are inputted, OVER F/F bit is set to “1”. When performing count operation of
8-bits or more, this OVER F/F are detected, and on a data memory, only the number of times of overflow is
added and subtracted, and can correspond. After detection by this bit, and OVER RESET bit is set “1” and
OVER F/F is reset.CTR RESET bit resets only 8-bit counter. The counter is reset whenever it sets “1”.
Counter data loaded data in a data memory by the binary.
The control of pulse counter and data loading is accessed with the OUT3/IN3 instructions for which [CN
= BH] have been specified in the operand and arranges in DAL address register port. This port is set up by
data select port (φL2D), which specified the division. The data of a specification port is set beforehand and
the data port corresponding to it can be accessed. The data select port is +1 increments whenever it
accesses DAL address port (φL3B, φK3B). For this reason, after setting up a data selection port, it can set
up continuously.
Note: If POL bit is changed, a clock pulse may enter. Reset data by the reset bit after changing.
Note: If data select port is
+1 increments when it accesses φL2E, φL2F, φL3B, φK3B on the I/O map.
2.
Pulse Counter Circuit Configuration
Note: Pulse input is the Schmitt input type.
Note: It can be used as pulse counter and interrupt function (INTR2 pin input) together.
3.
Example for Pulse Counter Timing
PCTRin (INTR2)
OVER RESET
DOWN
PC0~PC7
POL
CTR RESET
To interrupt circuit
44
8-bit up/down counter
F/F
OVER F/F
Data set to pulse counter
control bit
CTR/OVER RESET
execution
DOWN bit
set to “1”
OVER
RESET execution
DOWN bit
PCTRin input
Counter data
OVER F/F
Pulse width 1
µs (min)
02H
03H
01H
FFH
00H
01H
02H
N
N
− 1 N − 2
N
+ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com