Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 73 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 73 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 69Page - Toshiba Semiconductor TC9328AF Datasheet HTML 70Page - Toshiba Semiconductor TC9328AF Datasheet HTML 71Page - Toshiba Semiconductor TC9328AF Datasheet HTML 72Page - Toshiba Semiconductor TC9328AF Datasheet HTML 73Page - Toshiba Semiconductor TC9328AF Datasheet HTML 74Page - Toshiba Semiconductor TC9328AF Datasheet HTML 75Page - Toshiba Semiconductor TC9328AF Datasheet HTML 76Page - Toshiba Semiconductor TC9328AF Datasheet HTML 77Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
TC9328AF
2004-09-13
73
○
MUTE Output
This is a 1-bit CMOS output port for muting control purposes.
1.
MUTE Port
This port is accessed with the OUT1/IN1 instruction for which [CN = 8H] has been specified in the
operand. MUTE output is used for muting control. Setting the MUTE bit to “1” suppresses the generation
of noise when the linear circuit is switched, for example when the equipment is powered down, or when the
I/O Port 1 input or HOLD input is used to switch band. This control is set up according to the contents of
I/O bit and HOLD bit. POL bit sets up the logic of MUTE output.
Please set up according to specification.
2.
Circuit Configuration of MUTE Output
φL/K18
Y1
Y2
Y4
Y8
MUTE
I/O
POL
HOLD
0: Even if HOLD input status changes, MUTE output does not change.
1: By changing HOLD input status, MUTE bit is set to “1”.
Control by change of HOLD input state changing
0: Positive logic: MUTE bit output without modification
1: Negative logic: MUTE bit inversed and output
MUTE output polarity control
0: Even if I/O port -1 status changes, MUTE output doesn’t change.
1: By changing I/O port -1 status, MUTE bit is set to “1”.
Control selection by changes in the I/O port-1input status
0: MUTE output set at “L” level during positive logic and “H” level during negative logic.
1: MUTE output set at “H” level during positive logic and “L” level during negative logic.
MUTE output setting
30
I/O bit
The signal of input change of I/O Port -1
HOLD bit
The signal of HOLD input pin changing
POL bit
MUTE
Reset signal
MUTE bit
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com