Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 53Page - Toshiba Semiconductor TC9328AF Datasheet HTML 54Page - Toshiba Semiconductor TC9328AF Datasheet HTML 55Page - Toshiba Semiconductor TC9328AF Datasheet HTML 56Page - Toshiba Semiconductor TC9328AF Datasheet HTML 57Page - Toshiba Semiconductor TC9328AF Datasheet HTML 58Page - Toshiba Semiconductor TC9328AF Datasheet HTML 59Page - Toshiba Semiconductor TC9328AF Datasheet HTML 60Page - Toshiba Semiconductor TC9328AF Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
TC9328AF
2004-09-13
57
2.
Configuration of the Serial Interface
The serial interface consists of a control circuit, a shift register, and an I/O Port.
Note: SI pin can be used as I/O Port -4 (P4-1).
Note: As for data and serial input data, the contents of a shift register are taken in by the data memory.
For this reason, the contents of the data set to serial output data and serial input data are not in
agreement.
Note: All serial input pins are the Schmitt input type.
38
37
SCK (P4-3)
39
SO4
SI4~SI7
SO (P4-2)
SI (P4-1)
O
I/
-
SO
SO5 SO6 SO7
SO0 SO1 SO2 SO3
SI0~SI3
Serial input data
Serial output data
bit
4
8/
-1
-0
-3
-2
I/O port-4 data
I/O port-4
I/O control data
-1
-0
-3
-2
Control circuit
BUSY
SIO F/F
Interrupt requirement
COUNT
STA
O
I/
-
SCK
edge
SCK-INV
4-bit shift register
4-bit shift register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com