Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 75Page - Toshiba Semiconductor TC9328AF Datasheet HTML 76Page - Toshiba Semiconductor TC9328AF Datasheet HTML 77Page - Toshiba Semiconductor TC9328AF Datasheet HTML 78Page - Toshiba Semiconductor TC9328AF Datasheet HTML 79Page - Toshiba Semiconductor TC9328AF Datasheet HTML 80Page - Toshiba Semiconductor TC9328AF Datasheet HTML 81Page - Toshiba Semiconductor TC9328AF Datasheet HTML 82Page - Toshiba Semiconductor TC9328AF Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
TC9328AF
2004-09-13
79
AD Converter (ADin1~ADin4)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Analog input voltage range
VAD
⎯
ADin1~ADin4
0
~
VDB
V
Resolution
VRES
⎯
⎯
⎯
6
⎯
bit
Conversion total error
⎯
⎯
⎯
⎯
±0.5
±1.0
LSB
Analog input leak
ILI
⎯
VDD = VDB, VIH = VDB,
VIL = 0 V
(ADin1~ADin4)
⎯
⎯
±1.0
µA
DO1, DO2 Output
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
“H” level
IOH4
⎯
Vreg = 1.5 V,
VOH = Vreg − 0.2 V
(Note 1)
−0.4
−0.8
⎯
Output current
“L” level
IOL4
⎯
Vreg = 1.5 V, VOL = 0.2 V
0.5
1.0
⎯
mA
Output off leak current
ITL
⎯
VDD = 1.5 V, VTLH = 1.5 V,
VTLL = 0 V
⎯
⎯
±100
nA
Others
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input pull-down resistance
RIN2
⎯
(TEST)
5
10
30
k
Ω
XIN amp. feedback resistance
RfXT
⎯
(XIN-XOUT)
⎯
20
⎯
M
Ω
XOUT output resistance
ROUT
⎯
(XOUT)
⎯
4
⎯
k
Ω
RfIN1
⎯
(FMin)
100
200
400
Input amp. feedback resistance
RfIN2
⎯
(AMin, IFin1, IFin2)
300
600
1200
k
Ω
For conditions marked by an asterisk (*), guaranteed when VDD = 1.8~3.6 V, Ta = −10~60°C
Note 1: The “H” level output current is the current when the pin power supply is fixed.
Make sure that pins using Vreg/VLCD power supply do not exceed the power supply (doubled voltage: VDB)
output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com