Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 19 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 15Page - Texas Instruments TSC2014 Datasheet HTML 16Page - Texas Instruments TSC2014 Datasheet HTML 17Page - Texas Instruments TSC2014 Datasheet HTML 18Page - Texas Instruments TSC2014 Datasheet HTML 19Page - Texas Instruments TSC2014 Datasheet HTML 20Page - Texas Instruments TSC2014 Datasheet HTML 21Page - Texas Instruments TSC2014 Datasheet HTML 22Page - Texas Instruments TSC2014 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
GND
V
DD
Pen Touch
X+
Y+
Y-
High when the X+ or Y+
driver is on, or when any
sensor connection/short
circuit tests are activated.
GND
ON
Sense
Vias go to system analog ground plane.
GND
High when
the X+ or Y+
driver is on.
Control
Logic
Data Available
Level
Shifter
R
50k
IRQ
(1)
W
VDD/REF
PINTDAV
Analog VDD
Plane
Copyright © 2016, Texas Instruments Incorporated
19
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.4.5 Touch Detect
PINTDAV can be programmed to generate an interrupt to the host. Figure 21 details an example for the Y-
position measurement. While in the power-down mode, the Y– driver is on and connected to GND. The internal
pen-touch signal depends on whether or not the X+ input is driven low. When the panel is touched, the X+ input
is pulled to ground through the touch screen and the internal pen-touch output is set to low because of the
detection on the current path through the panel to GND, which initiates an interrupt to the processor. During the
measurement cycles for X- and Y-Position, the X+ input is disconnected, which eliminates any leakage current
from the pull-up resistor to flow through the touch screen, thus causing no errors.
(1)
Untrimmed resistor; see the typical value in the Electrical Characteristics
Figure 21. Example of a Pen-Touch Induced Interrupt via the PINTDAV Pin
In modes where the TSC2014 must detect whether or not the screen is still being touched (for example, when
doing a pen-touch initiated X, Y, and Z conversion), the TSC2014 must reset the drivers so that the RIRQ resistor
is connected again. Because of the high value of this pull-up resistor, any capacitance on the touch screen inputs
causes a long delay time, and may prevent the detection from occurring correctly. To prevent this possible delay,
the TSC2014 has a circuit that allows any screen capacitance to be precharged, so that the pull-up resistor does
not have to be the only source for the charging current. The time allowed for this precharge, as well as the time
needed to sense if the screen is still touched, can be set in the configuration register.
This configuration underscores the need to use the minimum possible capacitor values on the touch screen
inputs. These capacitors may be needed to reduce noise, but too large a value will increase the needed
precharge and sense times, as well as the panel voltage stabilization time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com