Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 2 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 2 Page - Texas Instruments

  TSC2014 Datasheet HTML 1Page - Texas Instruments TSC2014 Datasheet HTML 2Page - Texas Instruments TSC2014 Datasheet HTML 3Page - Texas Instruments TSC2014 Datasheet HTML 4Page - Texas Instruments TSC2014 Datasheet HTML 5Page - Texas Instruments TSC2014 Datasheet HTML 6Page - Texas Instruments TSC2014 Datasheet HTML 7Page - Texas Instruments TSC2014 Datasheet HTML 8Page - Texas Instruments TSC2014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
2
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Electrical Specifications........................................ 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Thermal Information .................................................. 4
6.4
Recommended Operating Conditions ....................... 4
6.5
Electrical Characteristics........................................... 5
6.6
Timing Requirements for Figure 1: I2C Standard
Mode (fSCL = 100 kHz) .............................................. 7
6.7
Timing Requirements for Figure 1: I2C Fast Mode
(fSCL = 400 kHz) ........................................................ 7
6.8
Timing Requirements for Figure 2: I2C High-Speed
Mode (fSCL = 1.7 MHz)............................................... 8
6.9
Timing Requirements for Figure 2: I2C High-Speed
Mode (fSCL = 3.4 MHz) .............................................. 8
6.10
Timing Information .................................................. 9
6.11
Typical Characteristics .......................................... 10
7
Detailed Description ............................................ 13
7.1
Overview ................................................................. 13
7.2
Functional Block Diagram ....................................... 13
7.3
Feature Description................................................. 13
7.4
Device Functional Modes........................................ 22
7.5
Programming .......................................................... 33
7.6
Register Maps ........................................................ 37
8
Application and Implementation ........................ 51
8.1
Application Information............................................ 51
8.2
Typical Application ................................................. 51
9
Power Supply Recommendations ...................... 53
9.1
Power Supply Decoupling Capacitors .................... 53
10
Layout................................................................... 54
10.1
Layout Guidelines ................................................. 54
10.2
Layout Example .................................................... 55
11
Device and Documentation Support ................. 56
11.1
Receiving Notification of Documentation Updates 56
11.2
Community Resources.......................................... 56
11.3
Trademarks ........................................................... 56
11.4
Electrostatic Discharge Caution ............................ 56
11.5
Glossary ................................................................ 56
12
Mechanical, Packaging, and Orderable
Information ........................................................... 56
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (February 2012) to Revision B
Page
•
Added Device Information table, ESD Ratings table, Recommended Operating Conditions table, Feature
Description section, Device Functional Modes section, Application and Implementation sectionPower Supply
Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section ...................................................................................................................... 1
•
Deleted the ORDERING INFORMATION table...................................................................................................................... 1
Changes from Original (September 2010) to Revision A
Page
•
Changed notes for 100kHz Timing Requirements table......................................................................................................... 7
•
Changed notes for 400kHz Timing Requirements table......................................................................................................... 7
•
Changed notes for 1.7MHz Timing Requirements table ........................................................................................................ 8
•
Changed Fall Time for SDA Signal from 20ns to 1ns for 1.7MHz Timing Requirements table ............................................. 8
•
Changed notes for 3.4MHz Timing Requirements table ........................................................................................................ 8
•
Changed Fall Time for SDA Signal from 10ns to 1ns for 3.4MHz Timing Requirements table ............................................. 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com