Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 50 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 46Page - Texas Instruments TSC2014 Datasheet HTML 47Page - Texas Instruments TSC2014 Datasheet HTML 48Page - Texas Instruments TSC2014 Datasheet HTML 49Page - Texas Instruments TSC2014 Datasheet HTML 50Page - Texas Instruments TSC2014 Datasheet HTML 51Page - Texas Instruments TSC2014 Datasheet HTML 52Page - Texas Instruments TSC2014 Datasheet HTML 53Page - Texas Instruments TSC2014 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
50
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.6.7 Data Registers
The data registers of the TSC2014 hold data results from conversions. All of these registers default to 0000h
upon reset.
7.6.7.1 X, Y, Z1, Z2, AUX, TEMP1 and TEMP2 Registers
The results of all A/D conversions are placed in the appropriate data registers, as described in Table 7. The data
format of the result word (R) of these registers is right-justified, as shown in Figure 44.
The data registers of the TSC2014 hold data results from conversions. All of these registers default to 0000h
upon reset.
Figure 44. Internal Register Format
MSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
LSB
D0
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
(1)
For all combination bits, the pattern marked as Rsvd (reserved) must not be used. The default pattern is read back after reset.
(2)
This bit is reserved.
The TSC2014 has several 16-bit registers that allow control of the device, as well as providing a location to store
results from the TSC2014 until read out by the host microprocessor. Table 24 shows the memory map.
Table 24. Register Content and Reset Values(1)
A3-A0
(HEX)
REGISTER
NAME
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
RESET
VALUE
(HEX)
0
X
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
1
Y
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
2
Z1
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
3
Z2
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
4
AUX
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
5
Temp1
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
6
Temp2
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
7
Status
S15
S14
S13
S12
S11
S10
S9
0
S7
S6
S5
Rsvd
(2)
S3
S2
S1
S0
0004
8
AUX High
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0FFF
9
AUX Low
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
A
Temp High
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0FFF
B
Temp Low
0
0
0
0
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000
C
CFR0
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
4000
D
CFR1
0
0
0
0
R11
R10
R9
R8
0
0
0
0
0
R2
R1
R0
0000
E
CFR2
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
0
R4
R3
R2
R1
R0
0000
F
Converter
Function
Select Status
R15
R14
R13
R12
Rsvd
(2)
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com