Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 36 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 32Page - Texas Instruments TSC2014 Datasheet HTML 33Page - Texas Instruments TSC2014 Datasheet HTML 34Page - Texas Instruments TSC2014 Datasheet HTML 35Page - Texas Instruments TSC2014 Datasheet HTML 36Page - Texas Instruments TSC2014 Datasheet HTML 37Page - Texas Instruments TSC2014 Datasheet HTML 38Page - Texas Instruments TSC2014 Datasheet HTML 39Page - Texas Instruments TSC2014 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
ReadCycle:Repeated,RegisterAddressmh(2)
I C
2
Read-AddressingByte
Register(Address=mh)Content
START
I C
2
SlaveAddress
S
1
A
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
P
1
8
8
NACK
7
I C
2
SlaveAddress
S
1
A
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
P
1
8
8
NACK
7
I C
2
SlaveAddress
S
1
A
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
P
8
8
NACK
7
Or...
I CRead-AddressingByte
2
Repeated
START
I C
2
SlaveAddress
Sr
1
A
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
1
8
8
NACK
7
I C
2
SlaveAddress
Sr
1
A
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
1
8
8
NACK
7
I C
2
SlaveAddress
Sr
1
A
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
P
8
8
NACK
7
STOP
(1)
Repeated
START
Repeated
START
STOP
(1)
I C
2
Read-AddressingByte
I C
2
Read-AddressingByte
Register(Address=mh)Content
Register(Address=mh)Content
START
START
STOP
(1)
STOP
(1)
Register(Address=mh)Content
I CRead-AddressingByte
2
I CRead-AddressingByte
2
Register(Address=mh)Content
Register(Address=mh)Content
FromMastertoSlave
A=Acknowledge(SDALOW)
N=NotAcknowledge(SDAHIGH)
S=STARTCondition
P=STOPCondition
Sr=RepeatedSTARTCondition
FromSlavetoMaster
NOTES: (1)Inordertostartthenextsequence,aSTOPconditionmustbefollowedbyaSTARTcondition.IfnoSTOPis
used,thenaRepeatedSTARTmustbeused.AlsonotethatisaSTOPconditionisissuedinHigh-Speed
mode,themodewillreverttothepreviousmode:FastorStandard.
(2)mhisahexadecimalnumber.
N
N
N
N
N
N
36
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Figure 35. Repeated Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com