Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 44 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 40Page - Texas Instruments TSC2014 Datasheet HTML 41Page - Texas Instruments TSC2014 Datasheet HTML 42Page - Texas Instruments TSC2014 Datasheet HTML 43Page - Texas Instruments TSC2014 Datasheet HTML 44Page - Texas Instruments TSC2014 Datasheet HTML 45Page - Texas Instruments TSC2014 Datasheet HTML 46Page - Texas Instruments TSC2014 Datasheet HTML 47Page - Texas Instruments TSC2014 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
44
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.6.4.1.6
PR2-PR0
Precharge time selection. These bits set the amount of time allowed for precharging any pin capacitance on the
touch screen prior to sensing if a pen touch is happening.
Table 16. Precharge Time Selection
PR2
PR1
PR0
PRECHARGE TIME(tPRE)
0
0
0
20μs
0
0
1
84μs
0
1
0
276μs
0
1
1
340μs
1
0
0
1.044ms
1
0
1
1.108ms
1
1
0
1.300ms
1
1
1
1.364ms
7.6.4.1.7
SNS2-SNS0
Sense time selection. These bits set the amount of time the TSC2014 waits to sense whether the screen is
touched after converting a coordinate.
Table 17. Sense Time Selection
SNS2
SNS1
SNS0
SENSE TIME (tSNS)
0
0
0
32μs
0
0
1
96μs
0
1
0
544μs
0
1
1
608μs
1
0
0
2.080ms
1
0
1
2.144ms
1
1
0
2.592ms
1
1
1
2.656ms
7.6.4.1.8
DTW
Detection of pen touch in wait (patent pending). Writing a '1' to this bit enables the pen touch detection in the
background while waiting for the host to issue the converter function in host-initiated/controlled modes. This
background detection allows the TSC2014 to pull high at PINTDAV to indicate no pen touch detected while
waiting for the host to issue the converter function. If the host polls a high state at PINTDAV before the convert
function is sent, the host can abort the issuance of the convert function and stay in the polling PINTDAV mode
until the next pen touch is detected.
7.6.4.1.9
LSM
Longer sampling mode. When this bit is set to '1', the extra 500ns of sampling time is added to the normal
sampling cycles of each conversion. This additional time is represented as approximately two internal oscillator
clock cycles. For VDD = 1.2V at –40°C, the LSM bit should be set to '1' so that the sampled signal has enough
time to settle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com