Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 13 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 9Page - Texas Instruments TSC2014 Datasheet HTML 10Page - Texas Instruments TSC2014 Datasheet HTML 11Page - Texas Instruments TSC2014 Datasheet HTML 12Page - Texas Instruments TSC2014 Datasheet HTML 13Page - Texas Instruments TSC2014 Datasheet HTML 14Page - Texas Instruments TSC2014 Datasheet HTML 15Page - Texas Instruments TSC2014 Datasheet HTML 16Page - Texas Instruments TSC2014 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
PINTDAV
I C
2
Serial
Interface
and
Control
VDD/REF
X+
X-
Y+
Y-
AUX
TEMP
Mux
PENIRQ
DAV
SAR
ADC
Internal
Clock
Touch
Screen
Drivers
Interface
RESET
AD0
SCL
SDA
Copyright © 2016, Texas Instruments Incorporated
13
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TSC2014 is an analog interface circuit for a human interface touch screen device. A register-based
architecture eases integration with microprocessor-based systems through a standard I2C bus. All peripheral
functions are controlled through the registers and onboard state machines. The TSC2014 features include:
•
Very low-power touch screen controller
•
Very small onboard footprint
•
Relieves host from tedious routine tasks by flexible preprocessing, saving resources for more critical tasks
•
Ability to work on very low supply voltage
•
Minimal connection interface allows easiest isolation and reduces the number of dedicated I/O pins required
•
Miniature, yet complete; requires no external supporting component.
•
Enhanced ESD protection
The TSC2014 consists of the following blocks (refer to the block diagram.
•
Touch Screen Interface
•
Auxiliary Input (AUX)
•
Temperature Sensor
•
Acquisition Activity Preprocessing
•
Internal Conversion Clock
•
I2C Interface
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Touch Screen Operation
A resistive touch screen operates by applying a voltage across a resistor network and measuring the change in
resistance at a given point on the matrix where the screen is touched by an input (stylus, pen, or finger). The
change in the resistance ratio marks the location on the touch screen.
The TSC2014 supports the resistive 4-wire configurations, as shown in Figure 16. The circuit determines location
in two coordinate pair dimensions, although a third dimension can be added for measuring pressure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com