Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 38 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 34Page - Texas Instruments TSC2014 Datasheet HTML 35Page - Texas Instruments TSC2014 Datasheet HTML 36Page - Texas Instruments TSC2014 Datasheet HTML 37Page - Texas Instruments TSC2014 Datasheet HTML 38Page - Texas Instruments TSC2014 Datasheet HTML 39Page - Texas Instruments TSC2014 Datasheet HTML 40Page - Texas Instruments TSC2014 Datasheet HTML 41Page - Texas Instruments TSC2014 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
38
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Register Maps (continued)
7.6.2 Control Byte 0
Figure 37. Control Byte Format:
Start a Conversion and Mode Setting
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
(Control Byte 0)
A3
A2
A1
A0
Reserved
(Write '0')
PND0
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6. Control Byte 0 Bit Register Description (D7 = 0)
Bit
Field
Type
Reset
Description
D7
Control Byte ID
R/W
0000h
1: Control Byte 1 (start conversion and channel select and
conversion-related configuration).
0: Control Byte 0 (read/write data registers and non-conversion-
related controls).
D6
A3
R
0000h
Register Address Bits as detailed in Table 7
D5
A2
R
0000h
D4
A1
R
0000h
D3
A0
R
0000h
D2
RESERVED
R
0000h
A '0' must be set in this bit for normal operation
D1
PND0
R/W
0000h
Power Not Down Control
1: A/D converter biasing circuitry is always on between
conversions but is shut down after the converter function stops.
0: A/D converter biasing circuitry is shut down either between
conversions or after the converter function stops
D0
R/W
R/W
0000h
TSC Internal Register Data Flow Control
1: Set the starting address of the TSC internal registers for a
register read (see Figure 33)
0: Write to TSC internal registers
Table 7. Internal Register Map
REGISTER ADDRESS
REGISTER CONTENT
READ/WRITE
A3
A2
A1
A0
0
0
0
0
X measurement result
R
0
0
0
1
Y measurement result
R
0
0
1
0
Z1 measurement result
R
0
0
1
1
Z2 measurement result
R
0
1
0
0
AUX measurement result
R
0
1
0
1
Temp1 measurement result
R
0
1
1
0
Temp2 measurement result
R
0
1
1
1
Status
R
1
0
0
0
AUX high threshold
R/W
1
0
0
1
AUX low threshold
R/W
1
0
1
0
Temp high threshold (apply to both TEMP1 and TEMP2)
R/W
1
0
1
1
Temp low threshold (apply to both TEMP1 and TEMP2)
R/W
1
1
0
0
CFR0
R/W
1
1
0
1
CFR1
R/W
1
1
1
0
CFR2
R/W
1
1
1
1
Converter function select status
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com