Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 11 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 7Page - Texas Instruments TSC2014 Datasheet HTML 8Page - Texas Instruments TSC2014 Datasheet HTML 9Page - Texas Instruments TSC2014 Datasheet HTML 10Page - Texas Instruments TSC2014 Datasheet HTML 11Page - Texas Instruments TSC2014 Datasheet HTML 12Page - Texas Instruments TSC2014 Datasheet HTML 13Page - Texas Instruments TSC2014 Datasheet HTML 14Page - Texas Instruments TSC2014 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
-40
-20
0
20
40
60
80
100
Temperature ( C)
°
850
800
750
700
650
600
550
500
450
400
TEMP2
TEMP1
V
= 1.6V
DD
91mV
140.1mV
Measurement Includes
A/D Converter Offset
and Gain Errors
590
588
586
584
582
580
Measurement Includes
A/D Converter Offset
and Gain Errors
V
(V)
DD
1.2
1.6
2.0
2.4
2.8
3.2
3.6
T = +25
A
°C
V
(V)
DD
8
7
6
5
4
3
2
1
1.2
1.6
2.0
2.4
2.8
3.2
3.6
T = +25
A
°C
T = 40
-
A
°C
T = +85
A
°C
V
(V)
DD
12
11
10
9
8
7
6
5
4
3
2
1
1.2
1.6
2.0
2.4
2.8
3.2
3.6
T = +25
A
°C
T = 40
-
A
°C
T = +85
A
°C
-40
-20
0
20
40
60
80
100
Temperature ( C)
°
1400
1200
1000
800
600
400
200
0
V
= 1.6V
DD
V
= 3.0V
DD
V
= 3.6V
DD
V
(V)
DD
100
80
60
40
20
0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
T = +25
A
°C
11
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 8. Power-down Supply Current vs Temperature
Figure 9. Power-down Supply Current vs VDD
Figure 10. Switch-on Resistance (XN, YN) vs
VDD Supply Voltage
Figure 11. Switch-on Resistance (XP, YP) vs
VDD Supply Voltage
Figure 12. Temp Diode Voltage vs Temperature
Figure 13. TEMP1 Diode Voltage vs
VDD Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com