Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 27 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 23Page - Texas Instruments TSC2014 Datasheet HTML 24Page - Texas Instruments TSC2014 Datasheet HTML 25Page - Texas Instruments TSC2014 Datasheet HTML 26Page - Texas Instruments TSC2014 Datasheet HTML 27Page - Texas Instruments TSC2014 Datasheet HTML 28Page - Texas Instruments TSC2014 Datasheet HTML 29Page - Texas Instruments TSC2014 Datasheet HTML 30Page - Texas Instruments TSC2014 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
OSC
PPRO
DLY1
COORDINATE
PVS
PRE
SNS
CONV
OSC
OSC
ADC
OSC
OSC
f
L
OH
OH2
1
t
3
t
t
t
4
N
B
2
OH
f
f
f
f
f
§
·
§
·
§
· §
· §
·
¨
¸
˜
˜
˜
˜
˜
¨
¸
¨
¸ ¨
¸ ¨
¸
¨
¸
¨
¸ ¨
¸ ¨
¸
¨
¸
©
¹
©
¹ ©
¹ ©
¹
©
¹
Programmedfor
Self-Control
X-YScanMode
(PSM=1)
(ControlByte1
D[6:3]=0001)
TSC
NotAddressed
DetectingTouch
Sample,Conversion,and
Preprocessingfor
YCoordinate
Detecting
Touch
Sample,Conversion,and
Preprocessingfor
XCoordinate
Sample,Conversion,and
Preprocessingfor
YCoordinate
Detecting
Touch
Detecting
Touch
Reading
X-Data
Register
Reading
Y-Data
Register
TouchisDetected
TouchisDetected
TouchisDetected
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
CFR2,D[15:14]=11or01
DAV,
As
and
,
CFR2,D[15:14]=00
PENIRQ
DAV
t
COORDINATE
27
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Table 4. Preprocessing Delay
LPPRO =
M =
W =
FOR B = 12 BIT
FOR B = 10 BIT
1
1, 4, 8, 16
2
2
3, 7
1
28
24
7
3
31
27
15
1
31
29
15
3
34
32
15
7
38
36
Figure 25. Example of an X and Y Coordinate Touch Screen Scan Using TSMode 1
If the pressure of the touch is also to be measured, the process continues in the same way, but measuring the Z1
and Z2 values instead, and storing the results in temporary registers. Once the complete sample set of data (X,
Y, Z1, and Z2) are available, they are loaded in the X, Y, Z1, and Z2 registers. This process is illustrated in
Figure 26. As before, this process time depends upon the settings described above. The time for a complete X,
Y, Z1, and Z2 coordinate reading is given by:
(6)
Where:
OH2 = overhead time #2 = 3.5 internal clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com