Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 39 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 35Page - Texas Instruments TSC2014 Datasheet HTML 36Page - Texas Instruments TSC2014 Datasheet HTML 37Page - Texas Instruments TSC2014 Datasheet HTML 38Page - Texas Instruments TSC2014 Datasheet HTML 39Page - Texas Instruments TSC2014 Datasheet HTML 40Page - Texas Instruments TSC2014 Datasheet HTML 41Page - Texas Instruments TSC2014 Datasheet HTML 42Page - Texas Instruments TSC2014 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
39
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.6.3 Control Byte 1
Figure 38. Control Byte Format:
Start a Conversion and Mode Setting
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
(Control Byte 1)
C3
C2
C1
C0
RM
SWRST
STS
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8. Control Byte 1 Bit Register Description (D7 = 1)
Bit
Field
Type
Reset
Description
D7
Control Byte ID
R/W
0000h
1: Control Byte 1 (start conversion and channel select and
conversion-related configuration).
0: Control Byte 0 (read/write data registers and non-conversion-
related controls).
D6
C3
R
0000h
Converter function select bits. These bits select the input to be
converted, and the converter function to be executed. Table 9
lists the possible converter functions.
D5
C2
R
0000h
D4
C1
R
0000h
D3
C0
R
0000h
D2
RM
R/W
0000h
0: 10 Bit
1: 12 Bit
D1
SWRST
R/W
0000h
Software Reset. This bit is self-clearing.
1: Reset all register values to default
D0
STS
R/W
0000h
Stop bit for all converter functions. This bit is self-clearing.
Table 9. Converter Function Select
C3
C2
C1
C0
FUNCTION
0
0
0
0
Touch screen scan function: X, Y, Z1, and Z2 coordinates converted and the results returned
to X, Y, Z1, and Z2 data registers. Scan continues until either the pen is lifted or a stop bit is
sent.
0
0
0
1
Touch screen scan function: X and Y coordinates converted and the results returned to X and
Y data registers. Scan continues until either the pen is lifted or a stop bit is sent.
0
0
1
0
Touch screen scan function: X coordinate converted and the results returned to X data
register.
0
0
1
1
Touch screen scan function: Y coordinate converted and the results returned to Y data
register.
0
1
0
0
Touch screen scan function: Z1 and Z2 coordinates converted and the results returned to Z1
and Z2 data registers.
0
1
0
1
Auxiliary input converted and the results returned to the AUX data register.
0
1
1
0
A temperature measurement is made and the results returned to the Temperature
Measurement 1 data register.
0
1
1
1
A differential temperature measurement is made and the results returned to the Temperature
Measurement 2 data register.
1
0
0
0
Auxiliary input is converted continuously and the results returned to the AUX data register.
1
0
0
1
Touch screen panel connection to X-axis drivers is tested. The test result is output to
PINTDAV and shown in STATUS register.
1
0
1
0
Touch screen panel connection to Y-axis drivers is tested. The test result is output to
PINTDAV and shown in STATUS register.
1
0
1
1
RESERVED (Note: any condition caused by this command can be cleared by setting the STS
bit to 1).
1
1
0
0
Touch screen panel short-circuit (between X and Y plates) is tested through Y-axis. The test
result is output to PINTDAV and shown in the STATUS register.
1
1
0
1
X+, X– drivers status
1
1
1
0
Y+, Y– drivers status
1
1
1
1
Y+, X– drivers status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com