Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 31 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 27Page - Texas Instruments TSC2014 Datasheet HTML 28Page - Texas Instruments TSC2014 Datasheet HTML 29Page - Texas Instruments TSC2014 Datasheet HTML 30Page - Texas Instruments TSC2014 Datasheet HTML 31Page - Texas Instruments TSC2014 Datasheet HTML 32Page - Texas Instruments TSC2014 Datasheet HTML 33Page - Texas Instruments TSC2014 Datasheet HTML 34Page - Texas Instruments TSC2014 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Detecting
Touch
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2D[15:14]=00
PENIRQ
DAV
Programmedfor
Host-Controlled
Mode
(PSM=0)
TSC
NotAddressed
P ogra
r
mm d
for
Z -Z
ScanMode
e
1
2
Reading
Z -Data
Register
1
WaitingforHosttoWrite
IntoControlByte1D[6:3]
Sample,Conversion,and
PreprocessingforZ ,Z Coordinates
1
2
TouchisStillHere
Reading
Z -Data
Register
2
TSC
NotAddressed
TSC
NotAddressed
Detecting
Touch
WaitingforHosttoWrite
IntoControlByte1D[6:3]
TouchisDetected
t
COORDINATE
OSC
PPRO
DLY1
COORDINATE
PVS
PRE
SNS
CONV
OSC
OSC
ADC
OSC
OSC
f
L
OH
OH2
1
t
t
t
t
N
B
2
OH
f
f
f
f
f
§
·
§
· §
· §
·
˜
˜
˜
¨
¸
¨
¸ ¨
¸ ¨
¸
¨
¸
¨
¸ ¨
¸ ¨
¸
©
¹
©
¹ ©
¹ ©
¹
NOTE:(1)Optional.Ifnotturnedon,itwillbeturnedonbytheScanmode,oncedetected.
Detecting
Touch
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2D[15:14]=00
PENIRQ
DAV
Programmed
for
Host-Controlled
Mode
(PSM=0)
TSC
Not
Addressed
Z
Scan
Mode
Reading
Z -Data
Register
1
WaitingforHosttoWrite
IntoControlByte1D[6:3]
TouchisDetected
Reading
Z -Data
Register
2
TSC
NotAddressed
TSC
NotAddressed
Detecting
Touch
WaitingforHosttoWrite
IntoControlByte1D[6:3]
TouchisDetected
t
COORDINATE
TurnOn
Y+
and
X
Drivers
-
(1)
Programmedfor:
Sample,Conversion,
andPreprocessing
forZ Coordinate
1
Sample,Conversion,
andPreprocessing
forZ Coordinate
2
OSC
PPRO
DLY2
COORDINATE
PRE
SNS
CONV
OSC
OSC
ADC
OSC
OSC
f
L
OH
OH2
1
t
t
t
N
B
2
OH
f
f
f
f
f
§
·
§
· §
· §
·
˜
˜
˜
¨
¸
¨
¸ ¨
¸ ¨
¸
¨
¸
¨
¸ ¨
¸ ¨
¸
©
¹
©
¹ ©
¹ ©
¹
31
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
The time needed to convert any Z1 and Z2 coordinate under host control (not including the time needed to send
the command over the I2C bus) is given by:
(9)
Figure 29. Example of Z1 and Z2 Coordinate Touch Screen Scan
(without Panel Stabilization Time) Using TSMode 3
If the drivers are not turned on before the touch screen scan mode is programmed, the panel stabilization time
should be included. In this case, the time needed to convert any single X or Y under host control (not including
the time needed to send the command over the I2C bus) is given by:
(10)
Figure 30. Example of a Z1 and Z2 Coordinate Touch Screen Scan
(with Panel Stabilization Time) Using TSMode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com