Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 33 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 29Page - Texas Instruments TSC2014 Datasheet HTML 30Page - Texas Instruments TSC2014 Datasheet HTML 31Page - Texas Instruments TSC2014 Datasheet HTML 32Page - Texas Instruments TSC2014 Datasheet HTML 33Page - Texas Instruments TSC2014 Datasheet HTML 34Page - Texas Instruments TSC2014 Datasheet HTML 35Page - Texas Instruments TSC2014 Datasheet HTML 36Page - Texas Instruments TSC2014 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
I CWrite-AddressingByte
2
0
1
0
0
1
0
AD0
0
A
I CRead-AddressingByte
2
0
S/Sr
1
0
0
1
0
AD0
1
A
STARTor
RepeatedSTART
ACK
S/Sr
STARTor
RepeatedSTART
ACK
FromMastertoSlave
A=Acknowledge(SDALOW)
S=STARTCondition
Sr=RepeatedSTARTCondition
FromSlavetoMaster
33
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.5 Programming
7.5.1 Digital Interface
7.5.1.1 Address Byte
The TSC2014 has a 7-bit slave address word. The first six bits (MSBs) of the slave address are factory-preset to
comply with the I2C standard for A/D converters and are always set at '100100'. The logic state of the address
input pin determines the LSB of the device address to activate communication. Therefore, a maximum of two
devices with the same preset code can be connected on the same bus at one time.
The AD0 address input is only read during a power-up of the device, and should be connected to supply
(VDD/REF) or ground (GND). The slave address is latched into the TSC2014 on the falling edge of SCL after the
read/write bit has been received by the slave.
The last bit of the address byte (R/W) defines the operation to be performed. When set to a '1', a read operation
is selected; when set to a ‘0’, a write operation is selected. Following the START condition, the TSC2014
monitors the SDA bus, checking the device type identifier being transmitted. Upon receiving the '10010' code, the
appropriate device select bits, and the R/W bit, the slave device outputs an acknowledge signal on the SDA line.
Table 5. I2C Slave Address Byte
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
1
0
0
1
0
0
AD0
R/W
7.5.1.1.1
Bit D0: R/W
1: I2C master read from TSC (I2C read addressing).
0: I2C master write to TSC (I2C write addressing).
Figure 32. I2C Bus Addressing (Slave Address Byte Format)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com