Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 29 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 25Page - Texas Instruments TSC2014 Datasheet HTML 26Page - Texas Instruments TSC2014 Datasheet HTML 27Page - Texas Instruments TSC2014 Datasheet HTML 28Page - Texas Instruments TSC2014 Datasheet HTML 29Page - Texas Instruments TSC2014 Datasheet HTML 30Page - Texas Instruments TSC2014 Datasheet HTML 31Page - Texas Instruments TSC2014 Datasheet HTML 32Page - Texas Instruments TSC2014 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
Detecting
Touch
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2,D[15:14]=00
PENIRQ
DAV
Programmed
for
Host-
Controlled
Mode
(PSM=0)
TSC
Not
Addressed
P ogra
r
mm d
for
X-Y
ScanMode
e
Reading
X-Data
Register
WaitingforHostto
WriteInto
ControlByte1D[6:3]
Sample,Conversion,
andPreprocessingfor
YCoordinate
TouchisStillHere
Reading
Y-Data
Register
TSC
NotAddressed
TSC
NotAddressed
Detecting
Touch
TouchisDetected
TouchisDetected
Sample,Conversion,
andPreprocessingfor
XCoordinate
Detecting
Touch
t
COORDINATE
Detecting
Touch
Sample,Conversion,
andPreprocessingfor
YCoordinate
OSC
PPRO
DLY1
COORDINATE
PVS
PRE
SNS
CONV
OSC
OSC
ADC
OSC
OSC
f
L
OH
OH1
1
t
2
t
t
t
2
N
B
2
OH
f
f
f
f
f
§
·
§
·
§
· §
· §
·
¨
¸
˜
˜
˜
˜
˜
¨
¸
¨
¸ ¨
¸ ¨
¸
¨
¸
¨
¸ ¨
¸ ¨
¸
¨
¸
©
¹
©
¹ ©
¹ ©
¹
©
¹
29
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.4.2.2 Conversion Controlled by TSC2014 Initiated by Host (TSMode 2)
In TSMode 2, the TSC2014 detects when the touch panel is touched and causes the internal Pen-Touch signal
to activate, which lowers the PINTDAV output if it is programmed as PENIRQ. The host recognizes the interrupt
request, and then writes to the A/D Converter Control register to select one of the two touch screen scan
functions:
1. X-Y-Z Scan (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0000); or
2. X-Y Scan (converter function select bits C[3:0] = Control Byte 1 D[6:3] = 0001).
See Table 9 for more information on the converter function select bits.
The conversion process then proceeds as shown in Figure 27; see the previous sections for more details.
The main difference between this mode and the previous mode is that the host, not the TSC2014, decides when
the touch screen scan begins.
The time needed to convert both X and Y coordinates under host control (not including the time needed to send
the command over the I2C bus) is given by:
(7)
Figure 27. Example of an X and Y Coordinate Touch Screen Scan Using TSMode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com