Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 10 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 6Page - Texas Instruments TSC2014 Datasheet HTML 7Page - Texas Instruments TSC2014 Datasheet HTML 8Page - Texas Instruments TSC2014 Datasheet HTML 9Page - Texas Instruments TSC2014 Datasheet HTML 10Page - Texas Instruments TSC2014 Datasheet HTML 11Page - Texas Instruments TSC2014 Datasheet HTML 12Page - Texas Instruments TSC2014 Datasheet HTML 13Page - Texas Instruments TSC2014 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
V
(V)
DD
0.6
0.5
0.4
0.3
0.2
0.1
0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
T = +25
A
PVS
PRE
SNS
°C
t
, t
, t
= Default Values
TSC-initiated Mode Scan X, Y, Z at 50SSPS
M = 15, W = 7
(1)
M = 1, W = 1
(1)
Touch Sensor Modeled by:
2k
for X-Plane
W
2k
for Y-Plane
1k
for Z (Touch Resistance
W
W
)
(2)
-
40
-
20
0
20
40
60
80
100
Temperature ( C)
°
450
400
350
300
250
200
150
100
50
V
= 1.2V
DD
V
= 3.0V
DD
V
= 1.6V
DD
M = 1, W = 1
(1)
V
(V)
DD
0.6
0.5
0.4
0.3
0.2
0.1
0
1.2
1.6
2.0
2.4
2.8
3.2
3.6
f
= 1MHz
ADC
f
= 2MHz
ADC
T = +25
A
°C
-40
-20
0
20
40
60
80
100
Temperature ( C)
°
V
= 1.6V
DD
1.5
1
0.5
0
0.5
1
1.5
-
-
-
V
= 1.2V
DD
V
= 3.0V
DD
-40
-20
0
20
40
60
80
100
Temperature ( C)
°
1.5
1
0.5
0
0.5
1
1.5
-
-
-
V
= 1.2V
DD
V
= 3.0V
DD
V
= 1.6V
DD
10
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
6.11 Typical Characteristics
At TA = –40°C to +85°C, VDD = +1.2V to +3.6V, fADC = fOSC/2,High-Speed mode (fSCL = 3.4MHz), 12-bit mode,
and non-continuous AUX measurement, unless otherwise noted.
Figure 3. Change in Offset vs Temperature
Figure 4. Change in Gain vs Temperature
Figure 5. VDD Supply Current vs Temperature
Figure 6. VDD Supply Current vs
VDD Supply Voltage
Figure 7. VDD Supply Current vs VDD Supply Voltage
1.
See Table 1.
2.
See Figure 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com