Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 37 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 33Page - Texas Instruments TSC2014 Datasheet HTML 34Page - Texas Instruments TSC2014 Datasheet HTML 35Page - Texas Instruments TSC2014 Datasheet HTML 36Page - Texas Instruments TSC2014 Datasheet HTML 37Page - Texas Instruments TSC2014 Datasheet HTML 38Page - Texas Instruments TSC2014 Datasheet HTML 39Page - Texas Instruments TSC2014 Datasheet HTML 40Page - Texas Instruments TSC2014 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
RESET
State
Nor a
m l
erai n
Op
t o
Resetting
InitialCondition
t
<5 s
m
WL(RESET)
t
10
³
m
WL(RESET)
s
t
R
t
R
37
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.5.4 Register Reset
There are three way to reset the TSC2014.
•
First: At power-on, a power good signal generates a prolonged reset pulse internally to all registers.
•
Second: An external pin, RESET, is available to perform a system reset or allow other peripherals (such as a
display) to reset the device if the pulse meets the timing requirement (at least 10μs wide). Any RESET pulse
less than 5μs will be rejected. To accommodate the timing drift between devices because of process
variation, a RESET pulse width between 5μs to 10μs falls into the gray area that is not recognized, and the
result is undetermined; this situation should be avoided. Refer to Figure 36 for details. A good reset pulse
must be low for at least 10 μs. There is an internal spike filter to reject spikes up to 20ns wide.
NOTE: See Timing Requirements for more information.
Figure 36. External Reset Timing
•
Third: A software reset can be activated by writing a '1' to CB1.1 (bit 1 of control byte 1). It should be noted
this reset is not self-clearing so the user must write a '0' to remove the software reset.
A reset clears all registers and loads default values. A power-on reset and external (hardware) reset take
precedence over a software reset. If a software reset is not cleared by the user, it is cleared by either a power-on
reset or an external (hardware) reset.
NOTE
It is required to have the host issue a hardware reset to the TSC2014 after the device
power is good and stable to ensure all the registers initialized properly.
7.6 Register Maps
7.6.1 R/W
Register read and write control. A '1' indicates that the value of the internal register address bits A3-A0 is stored
internally as the starting address for a register read (see Figure 33). The content of the addressed register is sent
to SDA by using I2C read addressing (see Figure 34 and Figure 35). A '0' indicates that the data following
Control Byte 0 on SDA are written into the internal register addressed by bits A3-A0 (see Figure 33).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com