Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 1 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 1 Page - Texas Instruments

  TSC2014 Datasheet HTML 1Page - Texas Instruments TSC2014 Datasheet HTML 2Page - Texas Instruments TSC2014 Datasheet HTML 3Page - Texas Instruments TSC2014 Datasheet HTML 4Page - Texas Instruments TSC2014 Datasheet HTML 5Page - Texas Instruments TSC2014 Datasheet HTML 6Page - Texas Instruments TSC2014 Datasheet HTML 7Page - Texas Instruments TSC2014 Datasheet HTML 8Page - Texas Instruments TSC2014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
PINTDAV
I C
2
Serial
Interface
and
Control
VDD/REF
X+
X-
Y+
Y-
AUX
TEMP
Mux
PENIRQ
DAV
SAR
ADC
Internal
Clock
Touch
Screen
Drivers
Interface
RESET
AD0
SCL
SDA
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
Touch Screen Controller with I2C™ Interface
1
1 Features
1
•
4-Wire Touch Screen Interface
•
Ratiometric Conversion
•
Single 1.2V to 3.6V Supply
•
Preprocessing to Reduce Bus Activity
•
High-Speed I2C-Compatible Interface
•
Internal Detection of Screen Touch
•
Register-Based Programmable:
–
10-Bit or 12-Bit Resolution
–
Sampling Rates
–
System Timing
•
On-Chip Temperature Measurement
•
Touch Pressure Measurement
•
Auto Power-Down Control
•
Low Power:
–
430μW at 1.8V, 50SSPS
–
320μW at 1.6V, 50SSPS
–
190μW at 1.2V, 50SSPS
–
58μW at 1.6V, 8.2kSPS Eq. Rate
–
37μW at 1.2V, 8.2kSPS Eq. Rate
•
Enhanced ESD Protection:
–
±8kV HBM
–
±1kV CDM
–
±25kV Air Gap Discharge
–
±11kV Contact Discharge
•
1.5 x 2.0 WCSP-12 Package
(1)
U.S. Patent No. 6,246,394; other patents pending.
2 Applications
•
Cellular Phones
•
Portable Instruments
•
MP3 Players, Pagers
•
Multiscreen Touch Control
3 Description
The TSC2014 is a very low-power touch screen
controller designed to work with power-sensitive,
handheld applications that are based on advanced
low-voltage processors. It works with a supply voltage
as low as 1.2V, which can be supplied by a single-
cell battery. It contains a complete, ultralow-power,
12-bit, analog-to-digital (A/D) resistive touch screen
converter, including drivers and the control logic to
measure touch pressure.
In addition to these standard features, the TSC2014
offers
preprocessing
of
the
touch
screen
measurements to reduce bus loading, thus reducing
the consumption of host processor resources that can
then be redirected to more critical functions.
The TSC2014 supports an I2C serial bus and data
transmission protocol in all three defined modes:
standard,
fast,
and
high-speed.
It
offers
programmable
resolution
of
10
or
12
bits
to
accommodate different screen sizes and performance
needs.
The TSC2014 is available in a miniature, 12-lead,
3 x 4 array, (1.555 ±0.055)mm x (2.055 ±0.055)mm
wafer chip-scale package (WCSP) package. The
device is characterized for the –40°C to +85°C
industrial temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TSC2014
DSBGA (12)
(1.555 ±0.055)mm x
(2.055 ±0.055)mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Similar Part No. - TSC2014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014IYZGR TI1-TSC2014IYZGR Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014IYZGT TI1-TSC2014IYZGT Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results

Similar Description - TSC2014

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com