Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 4 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 4 Page - Texas Instruments

  TSC2014 Datasheet HTML 1Page - Texas Instruments TSC2014 Datasheet HTML 2Page - Texas Instruments TSC2014 Datasheet HTML 3Page - Texas Instruments TSC2014 Datasheet HTML 4Page - Texas Instruments TSC2014 Datasheet HTML 5Page - Texas Instruments TSC2014 Datasheet HTML 6Page - Texas Instruments TSC2014 Datasheet HTML 7Page - Texas Instruments TSC2014 Datasheet HTML 8Page - Texas Instruments TSC2014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
4
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum rated conditions for extended periods may affect device reliability.
6 Electrical Specifications
6.1 Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
Voltage range
Analog input X+, Y+, AUX to GND
–0.4
VDD + 0.1
V
Analog input X–, Y– to GND
–0.4
VDD + 0.1
V
VDD/REF pin to GND
–0.
5
V
Digital input voltage to GND
–0.
VDD + 0.3
V
Digital output voltage to GND
–0.
VDD + 0.3
V
Operating free-air temperature range, TA
–40
85
°C
Storage temperature range, TSTG
–65
150
°C
Junction temperature, TJ Max
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
6.3 Thermal Information
THERMAL METRIC(1)
TSC2014
UNIT
YZG (DSBGA)
12 PINS
θJA
Junction-to-ambient thermal resistance
115
°C/W
θJCtop
Junction-to-case (top) thermal resistance
30
°C/W
θJB
Junction-to-board thermal resistance
82
°C/W
ψJT
Junction-to-top characterization parameter
5
°C/W
ψJB
Junction-to-board characterization parameter
75
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance
—
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Power Supply, VDD/REF
1.2
3.3
3.6
V
TA
Operating free-air temperature
–40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com