Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 53 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 49Page - Texas Instruments TSC2014 Datasheet HTML 50Page - Texas Instruments TSC2014 Datasheet HTML 51Page - Texas Instruments TSC2014 Datasheet HTML 52Page - Texas Instruments TSC2014 Datasheet HTML 53Page - Texas Instruments TSC2014 Datasheet HTML 54Page - Texas Instruments TSC2014 Datasheet HTML 55Page - Texas Instruments TSC2014 Datasheet HTML 56Page - Texas Instruments TSC2014 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
TSC
NotAddressed
NoTouch
Detected
HosttoWriteto
ControlByte1D[6:3]
As DAV
TSC
NotAddressed
Reading
AUX-Data
Register
Sample,Conversion,
andAveragingfor
AUXMeasurement
TSC
NotAddressed
P ogra
r
mm dfor
Continuous
AUXMeasurement
e
TSC
Not
Addressed
Reading
AUX-Data
Register
t
COORDINATE
t
COORDINATE
t
COORDINATE
Sample,Conversion,
andAveragingfor
AUXMeasurement
Sample,Conversion,
andAveragingfor
AUXMeasurement
OSC
PPRO
COORDINATE
CONV
OSC
ADC
OSC
OSC
f
L
OH3
1
t
N
B
2
OH
f
f
f
f
§
· §
· §
·
˜
˜
˜
¨
¸ ¨
¸ ¨
¸
¨
¸ ¨
¸ ¨
¸
©
¹ ©
¹ ©
¹
53
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
The time needed to make continuous auxiliary measurement is given by:
(13)
Figure 47. Non-Touch Screen, Continuous AUX Measurement
8.2.3 Application Curves
For application curves, see the figures listed in Table 26.
Table 26. Table of Graphs
DESCRIPTION
FIGURE NUMBER
VDD Supply current vs Temperature
Figure 5
VDD Supply current vs VDD
Figure 6
Power-Down Supply Current vs Temperature
Figure 8
RON vs VDD
Figure 10
9 Power Supply Recommendations
9.1 Power Supply Decoupling Capacitors
TSC2014 should be clean and well-bypassed. A 0.1-μF ceramic bypass capacitor should be added between
(VDD/REF and GND). This capacitor must be placed as close to the device as possible. A 1-μF to 10-μF
capacitor may also be needed if the impedance of the connection between VDD/REF and the power supply is
high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com