Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 45 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 41Page - Texas Instruments TSC2014 Datasheet HTML 42Page - Texas Instruments TSC2014 Datasheet HTML 43Page - Texas Instruments TSC2014 Datasheet HTML 44Page - Texas Instruments TSC2014 Datasheet HTML 45Page - Texas Instruments TSC2014 Datasheet HTML 46Page - Texas Instruments TSC2014 Datasheet HTML 47Page - Texas Instruments TSC2014 Datasheet HTML 48Page - Texas Instruments TSC2014 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
45
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.6.4.2 Configuration Register 1
Configuration register 1 (CFR1) defines the connection test-bit modes configuration and batch delay selection.
Figure 40. Configuration Register 1 (Reset Value = 0000h)
MSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
LSB
D0
Resrv
d
Resrv
d
Resrv
d
Resrv
d
TBM3
TBM2
TBM1
TBM0
Resrvd
Resrvd
Resrvd
Resrvd
Resrvd
BTD2
BTD1
BTD0
7.6.4.2.1
TBM3-TBM0
Connection test-bit modes (patent pending). These bits specify the mode of test bits used for the predefined
range of the combined X-axis and Y-axis touch screen panel resistance (RTS).
Table 18. Touch Screen Resistance Range and Test-Bit Modes
TEST-BIT MODES
RTS
(k
Ω)
TBM3
TBM2
TBM1
TBM0
0
0
0
0
0.17
0
0
0
1
0.17 < RTS ≤ 0.52
0
0
1
0
0.52 < RTS ≤ 0.86
0
0
1
1
0.86 < RTS ≤ 1.6
0
1
0
0
1.6 < RTS ≤ 2.2
0
1
0
1
2.2 < RTS ≤ 3.6
0
1
1
0
3.6 < RTS ≤ 5.0
0
1
1
1
5.0 < RTS ≤ 7.8
1
0
0
0
7.8 < RTS ≤ 10.5
1
0
0
1
10.5 < RTS ≤ 16.0
1
0
1
0
16.0 < RTS ≤ 21.6
1
0
1
1
21.6 < RTS ≤ 32.6
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
Only for short-circuit panel test
7.6.4.2.2
BTD2-BTD0
Batch Time Delay mode. These are the selection bits that specify the delay before a sample/conversion scan
cycle is triggered. When it is set, Batch Time Delay mode uses a set of timers to automatically trigger a
sequence of sample-and-conversion events. The mode works for both TSC-initiated scans (XYZ or XY) and host-
initiated scans (XYZ or XY).
A TSC-initiated scan (XYZ or XY) can be configured by setting the PSM bit in CFR0 to '1' and C[3:0] in Control
Byte 1 to '0000' or '0001'. In the case of a TSC-initiated scan (XYZ or XY), the sequence begins with the TSC
responding to a pen touch. After the first processed sample set completes during the batch delay, the scan
enters a wait mode until the end of the batch delay is reached. If a pen touch is still detected at that moment, the
scan continues to process the next sample set, and the batch delay is resumed. The throughput of the processed
sample sets (shown in Table 19 as sample sets per second, or SSPS) is regulated by the selected batch delay
during the time of the detected pen touch. A TSC-initiated scan (XYZ or XY) can be configured by setting the
PSM bit in CFR0 to '1' and C[3:0] in Control Byte 1 to '0000' or '0001'. Note that the throughput of the processed
sample set also depends on the settings of stabilization, precharge, and sense times, and the total number of
samples to be processed per coordinates. If the accrual time of these factors exceeds the batch delay time, the
accrual time dominates. Batch delay time starts when the pen touch initiates the scan function that converts
coordinates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com