Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 34 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 30Page - Texas Instruments TSC2014 Datasheet HTML 31Page - Texas Instruments TSC2014 Datasheet HTML 32Page - Texas Instruments TSC2014 Datasheet HTML 33Page - Texas Instruments TSC2014 Datasheet HTML 34Page - Texas Instruments TSC2014 Datasheet HTML 35Page - Texas Instruments TSC2014 Datasheet HTML 36Page - Texas Instruments TSC2014 Datasheet HTML 37Page - Texas Instruments TSC2014 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
WriteCycle
I CSlaveAddress
2
I C
2
Write-
AddressingByte
ACK
STOP
(1)
START
1 C3 C2 C1 C0 RM
ControlByte1
A
A
S
P
0
1
7
8
I C
2
SlaveAddress
I CWrite-
AddressingByte
2
ACK
STOP
(1)
STOP
(1)
0
0
A3 A2 A1 A0
ControlByte0
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
A
A
A
A P
S
0
1
7
I C
2
SlaveAddress
I CWrite-
AddressingByte
2
MixedM(ControlByte1orControlByte0withReadBit)
PlusN(ControlByte0withDataBytes),SeparatedbyTSC ACKs
(M+Nx3)x8
A
A
A
A P
S
0
1
7
8
8
8
ConverterFunction Select
TSCInternalRegisterAddressforWriteData
I C
2
SlaveAddress
I CWrite-
AddressingByte
2
ACK
STOP
(1)
0
1
A3 A2 A1 A0
ControlByte0
A
A P
S
0
1
7
8
TSCInternalRegisterStartingAddressmh
(2)
START
START
START
FromMastertoSlave
A=Acknowledge(SDALOW)
N=NotAcknowledge(SDAHIGH)
S=STARTCondition
P=STOPCondition
Sr=RepeatedSTARTCondition
FromSlavetoMaster
NOTES: (1)Inordertostartthenextsequence,aSTOPconditionmustbefollowedbyaSTARTcondition.IfnoSTOPis
used,thenaRepeatedSTARTmustbeused.AlsonotethatisaSTOPconditionisissuedinHigh-Speed
mode,themodewillreverttothepreviousmode:FastorStandard.
(2)mhisahexadecimalnumber.
34
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.5.2 Start A Write Cycle
A write cycle begins when the master issues the slave address to the TSC2014. The slave address consists of
seven address bits and a write bit (R/W = 0; see Table 5). When the eighth bit has been received and the
address matches the AD0 address input pin setting, the TSC2014 issues an acknowledge bit by pulling SDA low
for one additional clock cycle (ACK = 0); see Figure 32.
When the master receives the acknowledge bit from the TSC2014, the master writes the input control byte to the
slave; see Table 5. After the control byte is received by the slave, the slave issues another acknowledge bit by
pulling SDA low for one clock cycle (ACK = 0). The master then ends the write cycle by issuing a STOP or
repeated START condition; see Figure 33.
Figure 33. Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com