Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 30 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 26Page - Texas Instruments TSC2014 Datasheet HTML 27Page - Texas Instruments TSC2014 Datasheet HTML 28Page - Texas Instruments TSC2014 Datasheet HTML 29Page - Texas Instruments TSC2014 Datasheet HTML 30Page - Texas Instruments TSC2014 Datasheet HTML 31Page - Texas Instruments TSC2014 Datasheet HTML 32Page - Texas Instruments TSC2014 Datasheet HTML 33Page - Texas Instruments TSC2014 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
Programmed
forHost-
Controlled
Mode
(PSM=0)
X
Scan
Mode
Programmedfor:
TurnOn
X+and
X
Drivers
-
(1)
Reading
Y-Data
Register
TouchisDetected
NOTE:(1)Optional.Ifnotturnedon,itwillbeturnedonbytheScanmode,oncedetected.
Y
Scan
Mode
Programmedfor:
TurnOn
Y+and
Y
Drivers
-
(1)
Reading
X-Data
Register
Detecting
Touch
WaitingforHosttoWriteInto
ControlByte1D[6:3]
PINTDAV Programmed:
As
,
CFR2,D[15:14]=10
PENIRQ
As
,
CFR2,D[15:14]=11or01
DAV
As
and
,
CFR2,D[15:14]=00
PENIRQ
DAV
TouchisDetected
TouchisDetected
Sample,Conversion,
andPreprocessing
forXCoordinate
Detecting
Touch
Sample,Conversion,
andPreprocessing
forYCoordinate
Detecting
Touch
WaitingforHostto
WriteIntoControl
Byte1D[6:3]
WaitingforHosttoWriteInto
ControlByte1D[6:3]
t
COORDINATE
t
COORDINATE
TSC
Not
Addressed
TSC
Not
Addressed
TSC
Not
Addressed
TSC
Not
Addressed
OSC
PPRO
DLY2
COORDINATE
PRE
SNS
CONV
OSC
OSC
ADC
OSC
OSC
f
L
OH
OH1
1
t
t
t
N
B
2
OH
f
f
f
f
f
§
·
§
· §
· §
·
˜
˜
˜
¨
¸
¨
¸ ¨
¸ ¨
¸
¨
¸
¨
¸ ¨
¸ ¨
¸
©
¹
©
¹ ©
¹ ©
¹
30
TSC2014
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.4.2.3 Conversion Controlled by Host (TSMode 3)
In TSMode 3, the TSC2014 detects when the touch panel is touched and causes the internal Pen-Touch signal
to be active, which lowers the PINTDAV output if it is programmed as PENIRQ. The host recognizes the interrupt
request. Instead of starting a sequence in the TSC2014, which then reads each coordinate in turn, the host must
now control all aspects of the conversion. Generally, upon receiving the interrupt request, the host turns on the X
drivers.
NOTE
If drivers are not turned on, the device detects this condition and turns them on before the
scan starts. This situation is why the event of Turn On Drivers is shown as optional in
Figure 28 and Figure 29.
After waiting for the settling time, the host then addresses the TSC2014 again, this time requesting an X
coordinate conversion.
The process is then repeated for the Y and Z coordinates. The processes are outlined in Figure 28 and Table 5.
Figure 28 shows two consecutive scans on X and Y. Figure 29 shows a single Z scan.
The time needed to convert any single coordinate X or Y under host control (not including the time needed to
send the command over the I2C bus) is given by:
(8)
Where:
OHDLY2 = total overhead time for tPRE and tSNS = 6 internal clock cycles.
Figure 28. Example of X and Y Coordinate Touch Screen Scan Using TSMode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com