Electronic Components Datasheet Search
  English  ▼

X  

TSC2014 Datasheet(PDF) 35 Page - Texas Instruments

Part # TSC2014
Description  TSC2014 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Touch Screen Controller with I2C™ Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TSC2014 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TSC2014 Datasheet HTML 31Page - Texas Instruments TSC2014 Datasheet HTML 32Page - Texas Instruments TSC2014 Datasheet HTML 33Page - Texas Instruments TSC2014 Datasheet HTML 34Page - Texas Instruments TSC2014 Datasheet HTML 35Page - Texas Instruments TSC2014 Datasheet HTML 36Page - Texas Instruments TSC2014 Datasheet HTML 37Page - Texas Instruments TSC2014 Datasheet HTML 38Page - Texas Instruments TSC2014 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
ReadCycle:Sequential,fromRegisterAddressmh
to(m+n)h
(2)
(3)
I C
2
Read-AddressingByte
Register(Address=mh)Content
START
I C
2
SlaveAddress
S
1
A
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
A
1
8
8
7
Register(Address=(m+1)h)Content
Register(Address=(m+n)h)Content
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
A
8
8
A
DataByte1/2
(HIGHByte)
DataByte2/2
(LOWByte)
N
P
8
8
NACK
STOP
(1)
FromMastertoSlave
A=Acknowledge(SDALOW)
N=NotAcknowledge(SDAHIGH)
S=STARTCondition
P=STOPCondition
Sr=RepeatedSTARTCondition
FromSlavetoMaster
NOTES: (1)Inordertostartthenextsequence,aSTOPconditionmustbefollowedbyaSTARTcondition.IfnoSTOPis
used,thenaRepeatedSTARTmustbeused.AlsonotethatisaSTOPconditionisissuedinHigh-Speed
mode,themodewillreverttothepreviousmode:FastorStandard.
(2)mhisahexadecimalnumber.
(3)If(m+n)hisgreaterthanFh,then(m+n)hismodulo16.
35
TSC2014
www.ti.com
SBAS484B – SEPTEMBER 2010 – REVISED DECEMBER 2016
Product Folder Links: TSC2014
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.5.3 Register Access
Data access begins with the master issuing a START (or repeated START) condition followed by the 7-bit
address and a read bit (R/W = 1; see Table 5). When the eighth bit has been received and the address matches,
the slave issues an acknowledge by pulling SDA low for one clock cycle (ACK = 0). The first byte of serial data
then follows. After the first byte has been sent by the slave, it releases the SDA line for the master to issue an
acknowledge (ACK = 0). The slave issues the second byte of serial data upon receiving the acknowledgment
from the master (D7-D0), followed by a not-acknowledge bit (ACK = 1) from the master to indicate that the last
data byte has been received. The master then issues a STOP condition (P) or repeated START (Sr), which ends
the read cycle, as shown in Figure 34 and Figure 35. If the master issues a not-acknowledge (ACK = 1) after
receipt of the first data byte, the master must then issue a stop condition (P) to reset the registers. If the master
is not ready to receive the second data byte, it should issue the acknowledge (ACK = 0), or the master should
stretch the clock. Upon restart of the clock, the second byte of data can be received by the master.
Figure 34. Sequential Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com