Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 145 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 145 Page - Texas Instruments

Back Button AM625 Datasheet HTML 141Page - Texas Instruments AM625 Datasheet HTML 142Page - Texas Instruments AM625 Datasheet HTML 143Page - Texas Instruments AM625 Datasheet HTML 144Page - Texas Instruments AM625 Datasheet HTML 145Page - Texas Instruments AM625 Datasheet HTML 146Page - Texas Instruments AM625 Datasheet HTML 147Page - Texas Instruments AM625 Datasheet HTML 148Page - Texas Instruments AM625 Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 276 page
background image
Table 6-57. EPWM Switching Characteristics
see Figure 6-42, Figure 6-43, and Figure 6-44
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PWM1
tw(PWM)
Pulse duration, EHRPWM_A/B high/low
P(1) - 3
ns
PWM2
tw(SYNCOUT)
Pulse duration, EHRPWM_SYNCO
P(1) - 3
ns
PWM3
td(TZ-PWM)
Delay time, EHRPWM_TZn_IN active to EHRPWM_A/B forced
high/low
11
ns
PWM4
td(TZ-PWMZ)
Delay time, EHRPWM_TZn_IN active to EHRPWM_A/B Hi-Z
11
ns
PWM5
tw(SOC)
Pulse duration, EHRPWM_SOCA/B output
P(1) - 3
ns
(1)
P = MAIN_SYSCLK0/2 period in ns.
EHRPWM_SOCA/B
PWM5
EPERIPHERALS_TIMNG_04
EHRPWM_SYNCO
PWM2
EHRPWM_A/B
PWM1
PWM1
Figure 6-42. EHRPWM Switching Characteristics
EHRPWM_A/B
EHRPWM_TZn_IN
EPERIPHERALS_TIMING_05
PWM3
Figure 6-43. EHRPWM_TZn_IN to EHRPWM_A/B Forced Switching Characteristics
EHRPWM_A/B
EHRPWM_TZn_IN
PWM4
Figure 6-44. EHRPWM_TZn_IN to EHRPWM_A/B Hi-Z Switching Characteristics
For more information, see Enhanced Pulse Width Modulation (EPWM) Module section in Peripherals chapter in
the device TRM.
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
145
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com