Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 148 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 148 Page - Texas Instruments

Back Button AM625 Datasheet HTML 144Page - Texas Instruments AM625 Datasheet HTML 145Page - Texas Instruments AM625 Datasheet HTML 146Page - Texas Instruments AM625 Datasheet HTML 147Page - Texas Instruments AM625 Datasheet HTML 148Page - Texas Instruments AM625 Datasheet HTML 149Page - Texas Instruments AM625 Datasheet HTML 150Page - Texas Instruments AM625 Datasheet HTML 151Page - Texas Instruments AM625 Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 276 page
background image
6.12.5.11 GPMC
For more details about features and additional description information on the device General-Purpose Memory
Controller, see the corresponding subsections within Signal Descriptions and Detailed Description sections.
Table 6-64 presents timing conditions for GPMC.
Table 6-64. GPMC Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
1.65
4
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
20
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
133MHz Synchronous Mode
140
360
ps
All other modes
140
720
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch across all traces
200
ps
For more information, see General-Purpose Memory Controller (GPMC) section in Peripherals chapter in the
device TRM.
6.12.5.11.1 GPMC and NOR Flash — Synchronous Mode
Table 6-65 and Table 6-66 present timing requirements and switching characteristics for GPMC and NOR Flash -
Synchronous Mode.
Table 6-65. GPMC and NOR Flash Timing Requirements — Synchronous Mode
see Figure 6-46, Figure 6-47, and Figure 6-50
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
F12
tsu(dV-clkH)
Setup time, GPMC_AD[15:0] valid before GPMC_CLK
high
0.92
ns
F13
th(clkH-dV)
Hold time, GPMC_AD[15:0] valid after GPMC_CLK high
2.09
ns
F21
tsu(waitV-clkH)
Setup time, GPMC_WAIT[j](1) (2) valid before GPMC_CLK
high
0.92
ns
F22
th(clkH-waitV)
Hold time, GPMC_WAIT[j](1) (2) valid after GPMC_CLK
high
2.09
ns
(1)
In GPMC_WAIT[j], j is equal to 0 or 1.
(2)
Wait monitoring support is limited to a WaitMonitoringTime value > 0. For a full description of wait monitoring feature, see General-
Purpose Memory Controller (GPMC) section in the device TRM.
Table 6-66. GPMC and NOR Flash Switching Characteristics – Synchronous Mode
see Figure 6-46, Figure 6-47, Figure 6-48, Figure 6-49, and Figure 6-50
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
F0
tc(clk)
Cycle time, GPMC_CLK(16)
7.52
ns
F1
tw(clkH)
Typical pulse duration, GPMC_CLK high
0.475P(13) -
0.3
ns
F1
tw(clkL)
Typical pulse duration, GPMC_CLK low
0.475P(13) -
0.3
ns
F2
td(clkH-csnV)
Delay time, GPMC_CLK rising edge to GPMC_CSn[i]
transition(12)
F(5) - 2.2
F(5) + 3.75
ns
F3
td(clkH-CSn[i]V)
Delay time, GPMC_CLK rising edge to GPMC_CSn[i]
invalid(12)
D(4) - 2.2
D(4) + 4.5
ns
F4
td(aV-clk)
Delay time, GPMC_A[27:1] valid to GPMC_CLK first edge
B(2) - 2.3
B(2) + 4.5
ns
F5
td(clkH-aIV)
Delay time, GPMC_CLK rising edge to GPMC_A[27:1] invalid
-2.3
4.5
ns
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
www.ti.com
148
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com