Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 41Page - Renesas Technology Corp F24 Datasheet HTML 42Page - Renesas Technology Corp F24 Datasheet HTML 43Page - Renesas Technology Corp F24 Datasheet HTML 44Page - Renesas Technology Corp F24 Datasheet HTML 45Page - Renesas Technology Corp F24 Datasheet HTML 46Page - Renesas Technology Corp F24 Datasheet HTML 47Page - Renesas Technology Corp F24 Datasheet HTML 48Page - Renesas Technology Corp F24 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 45 of 207
Dec 31, 2025
3.2.2 On-chip Oscillator Characteristics
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Oscillators
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-speed on-chip oscillator
clock frequency Note
fIH
2
80
MHz
High-speed on-chip oscillator
clock frequency accuracy
–
-2.0
+2.0
%
Low-speed on-chip oscillator
clock frequency
fIL, fWDT
15
kHz
Low-speed on-chip oscillator
clock frequency accuracy
–
-15
+15
%
Note High-speed on-chip oscillator frequency is selected with bits 0 to 4 of the option byte (000C2H/040C2H) and
bits 0 to 2 of the HOCODIV register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com