Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F24 Datasheet HTML 1Page - Renesas Technology Corp F24 Datasheet HTML 2Page - Renesas Technology Corp F24 Datasheet HTML 3Page - Renesas Technology Corp F24 Datasheet HTML 4Page - Renesas Technology Corp F24 Datasheet HTML 5Page - Renesas Technology Corp F24 Datasheet HTML 6Page - Renesas Technology Corp F24 Datasheet HTML 7Page - Renesas Technology Corp F24 Datasheet HTML 8Page - Renesas Technology Corp F24 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 210 page
background image
RL78/F23, F24
1. OVERVIEW
R01DS0446EJ0120 Rev.1.20
Page 5 of 207
Dec 31, 2025
1.3.2 RL78/F23 Functions List
Table 1-5. RL78/F23 Functions List (1/2)
Function Items
Series Name
R7F123FMG
R7F123FLG
R7F123FGG
R7F123FBG
Pin Count
80 pins
64 pins
48 pins
32 pins
Code flash
128 KB
Data flash
8 KB
RAM
12 KB
Supply voltage range
2.7 V to 5.5 V
Maximum operation frequency
40 MHz
System clock
Main system
clock oscillator
Crystal / ceramic /
square wave
2 to 20 MHz (operating at 2.7 V to 5.5 V)
High-speed on-chip
oscillator
Normal high accuracy
40 MHz (typ.)
Low-speed on-chip
oscillator
For low-speed operation
15 kHz (typ.)
Subsystem clock oscillator
32.768 kHz Note 6
None
PLL
Yes
Clock for
peripherals
Low-speed on-chip
oscillator
For peripherals other than
WDT
15 kHz (typ.)
For WDT
15 kHz (typ.)
POR
When power supply is rising
1.56 V (typ.)
When power supply is falling
1.55 V (typ.)
LVD
VDD voltage
detection
When power supply is rising
2.81 V (typ.) to 4.74 V (typ.) (in 6 steps)
When power supply is falling
2.75 V (typ.) to 4.64 V (typ.) (in 6 steps)
Functional safety
Note 7
WWDT (window watchdog timer)
Yes
Flash memory fast CRC operation function
Yes
General purpose CRC operation
Yes
Flash memory ECC function
Yes
RAM 1-bit error correction function
Yes
RAM 2-bit error detection function
Yes
Invalid memory access detection function
Yes
Frequency detection function
Yes
Clock monitor function
Yes
Stack pointer monitor function
Yes
A/D test function
Yes
I/O ports
Input/Output
CMOS
68 ch
52 ch
38 ch
25 ch
Output
CMOS
1 ch
None
Input
Shared with oscillator pins
4ch Note 6
2 ch
Input only
1 ch
Power supply pins
For internal circuits
VDD, VSS, REGC
For I/O ports
EVDD0, EVSS0
None
For analog circuits (AD)
VDD, VSS (AVREFP, AVREFM for AD)
Multiply/divide and
multiply-
accumulate
functions
Multiply
16 bits
× 16 bits (signed)
16 bits
× 16 bits (unsigned)
Divide
32 bits
÷ 32 bits (unsigned)
Multiply-accumulate
16 bits
× 16 bits + 32 bits (signed)
16 bits
× 16 bits + 32 bits (unsigned)
Arithmetic instructions (extended instruction set)
Yes
Vectored interrupt
sources
External
15 ch Note 4, 5
14 ch Note3, 5
12 ch Note 2
8 ch Note 1
Internal
38 ch Note 4
38 ch Note 3
38 ch Note 2
38 ch Note 1
Key return detection
8 ch
6 ch
DTC
36 sources
35 sources
Timer
TAU
16 bits (8 ch + 4 ch)
RTC
1 ch
Timer RJ
16 bits
× 1
Timer RDe
16 bits
× 2 (with PWMOPA and dithering / gate function)
(Notes are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com