| Electronic Components Datasheet Search |
|
F24 Datasheet(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
F24 Datasheet(HTML) 28 Page - Renesas Technology Corp |
|
28 / 210 page ![]() RL78/F23, F24 2. PIN FUNCTIONS R01DS0446EJ0120 Rev.1.20 Page 28 of 207 Dec 31, 2025 2.1.2 RL78/F23 80-pin Products (1/2) Function Name I/O Function After Reset Alternate Function P00 I/O Port 0 Use of an on-chip pull-up resistor can be specified by a software setting. Input port (TI05)/(TO05)/INTP9 P01 (TI04)/(TO04) P02 (TI06)/(TO06) P10 I/O Port 1 Input of P10, P11, P13, P14, P16, and P17 can be set to TTL input buffer. Use of an on-chip pull-up resistor can be specified by a software setting. Output from P10 to P17 can be set to N-ch open-drain output. For input to P10, P11, P13, P14, P16, and P17, the threshold level can be specified. Input port TI13/TO13/TRJO0/SCK10/SCL10 P11 TI12/TO12/(TRDIOB0)/SI10/ SDA10/RXD1 P12 TI11/TO11/(TRDIOD0)/INTP5/ SO10/TXD1/SNZOUT3 P13 TI04/TO04/TRDIOA0/TRDCLK0/ SI01/SDA01/LTXD0 P14 TI06/TO06/TRDIOC0/SCK01/ SCL01/LRXD0 P15 TI05/TO05/TRDIOA1/(TRDIOA0)/ (TRDCLK0)/SO00/TXD0/ TOOLTXD/RTC1HZ P16 TI02/TO02/TRDIOC1/SI00/ SDA00/RXD0/TOOLRXD P17 TI00/TO00/TRDIOB1/SCK00/ SCL00/INTP3 P30 I/O Port 3 Input of P30 can be set to TTL input buffer. P33 and P34 can be set to analog input. Output from P32 can be set to N-ch open-drain output. For input to P30 to P32, use of an on-chip pull-up resistor can be specified by a software setting. For input to P30, the threshold level can be specified. Input port TI01/TO01/TRDIOD1/SSI00/ INTP2/SNZOUT0 P31 STOPST/(INTP2) P32 (SO11)/INTP7 P33 Analog input port AVREFP/ANI6 P34 AVREFM/ANI7 P40 I/O Port 4 Use of an on-chip pull-up resistor can be specified by a software setting. For input to P41 and P43, the threshold level can be specified. Input port TOOL0 P41 TI10/TO10/TRJIO0/TRD0RES/ (SI10)/(RXD1)/SNZOUT2 P42 (LTXD0) P43 (LRXD0) P44 (TI07)/(TO07) P45 (TI10)/(TO10) P46 (TI12)/(TO12) P47 INTP13 P50 I/O Port 5 Use of an on-chip pull-up resistor can be specified by a software setting. For input to P50 and P52 to P54, the threshold level can be specified. Input of P54 can be set to TTL input buffer. Input port (SSI01)/(INTP3) P51 (SO01)/INTP11 P52 (SCK01)/(STOPST) P53 (SI01)/INTP10 P54 (TI11)/(TO11)/SSI10 P55 (TI13)/(TO13) P56 (SNZOUT1) P57 (SNZOUT0) P60 I/O Port 6 Input of P62 and P63 can be set to TTL input buffer. Use of an on-chip pull-up resistor can be specified by a software setting. Output from P60 to P63 can be set to N-ch open-drain output. For input to P60 to P63, the threshold level can be specified. Input port (TO01)/(SCK00)/(SCL00) P61 (TO02)/(SI00)/(SDA00)/(RXD0) P62 (TO03)/(SO00)/(TXD0)/SCLA0 P63 (TO07)/(SSI00)/SDAA0 P64 (SNZOUT3) P65 (SNZOUT2) P66 (TI00)/(TO00) P67 (TI02)/(TO02) Remark Functions in parentheses in the above table can be assigned via settings in the peripheral I/O redirection registers (PIORx). Only the STOPST function of P52 can be assigned via settings in the STOP status output control register (STPSTC). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |