Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 79Page - Renesas Technology Corp F24 Datasheet HTML 80Page - Renesas Technology Corp F24 Datasheet HTML 81Page - Renesas Technology Corp F24 Datasheet HTML 82Page - Renesas Technology Corp F24 Datasheet HTML 83Page - Renesas Technology Corp F24 Datasheet HTML 84Page - Renesas Technology Corp F24 Datasheet HTML 85Page - Renesas Technology Corp F24 Datasheet HTML 86Page - Renesas Technology Corp F24 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 83 of 207
Dec 31, 2025
3.5.3 On-chip Debug (UART)
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
–
115.2 k
1 M
bps
3.5.4 LIN/UART Module (RLIN3) UART Mode
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
–
Operation mode,
HALT mode
LIN communication clock source (fCLK or fMX):
4 to 40 MHz
4000
kbps
SNOOZE mode
LIN communication clock source (fCLK):
2 to 40 MHz
9.6
3.5.5 CAN-FD Communication Interface (RS-CANFD lite) Timing
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
–
Classical CAN mode
1
Mbps
CAN-FD mode
Data bit rate
5
Mbps
CAN-FD mode
Nominal bit rate
1
Mbps
Internal delay time Note
tNODE
50
ns
Note tNODE = Internal input delay time (tINPUT) + Internal output delay time (tOUTPUT)
Image of Internal delay
RL78/F24
CAN controller
CTXD0
CRXD0
Internal output delay time
(
tOUTPUT)
Internal input delay time
(
tINPUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com