Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 74Page - Renesas Technology Corp F24 Datasheet HTML 75Page - Renesas Technology Corp F24 Datasheet HTML 76Page - Renesas Technology Corp F24 Datasheet HTML 77Page - Renesas Technology Corp F24 Datasheet HTML 78Page - Renesas Technology Corp F24 Datasheet HTML 79Page - Renesas Technology Corp F24 Datasheet HTML 80Page - Renesas Technology Corp F24 Datasheet HTML 81Page - Renesas Technology Corp F24 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 78 of 207
Dec 31, 2025
(10) During communication at different potential (3-V supply system) (CSI mode) (slave mode, SCKp … external
clock input, normal slew rate)
(TA = -40 to +105
°C, 4.0 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCKp cycle time
tKCY2
2.7 V
≤ Vb ≤ VDD
32 MHz < fMCK
18/fMCK
ns
24 MHz < fMCK
≤ 32 MHz
14/fMCK
ns
20 MHz < fMCK
≤ 24 MHz
12/fMCK
ns
8 MHz < fMCK
≤ 20 MHz
10/fMCK
ns
4 MHz < fMCK
≤ 8 MHz
8/fMCK
ns
fMCK
≤ 4 MHz
6/fMCK
ns
SCKp high-level width,
low-level width
tKH2, tKL2
2.7 V
≤ Vb ≤ VDD
tKCY2/2 - 20
ns
SIp setup time
(to SCKp
↑) Note 1
tSIK2
90
ns
SIp hold time
(from SCKp
↑) Note 2
tKSI2
1/fMCK + 50
ns
Delay time from SCKp
↓ to
SOp output Note 3
tKSO2
2.7 V
≤ Vb ≤ VDD, Cb = 30 pF, Rb = 1.4 kΩ
2/fMCK + 120
ns
SSIp setup time
tSSIK
DAP = 0
120
ns
DAP = 1
1/fMCK + 120
ns
SSIp hold time
tKSSI
DAP = 0
1/fMCK + 120
ns
DAP = 1
120
ns
Notes 1. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
The Slp setup time becomes “to SCKp
↓” when DAPmn = 0 and CKPmn = 1 or DAPmn = 1 and CKPmn = 0.
2. When DAPmn = 0 and CKPmn = 0 or DAPmn = 1 and CKPmn = 1.
The SIp hold time becomes “from SCKp
↓” when DAPmn = 0 and CKPmn = 1 or DAPmn = 1 and CKPmn = 0.
3. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
The delay time to SOp output becomes “from SCKp
↑” when DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and
CKPmn = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com