Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 49Page - Renesas Technology Corp F24 Datasheet HTML 50Page - Renesas Technology Corp F24 Datasheet HTML 51Page - Renesas Technology Corp F24 Datasheet HTML 52Page - Renesas Technology Corp F24 Datasheet HTML 53Page - Renesas Technology Corp F24 Datasheet HTML 54Page - Renesas Technology Corp F24 Datasheet HTML 55Page - Renesas Technology Corp F24 Datasheet HTML 56Page - Renesas Technology Corp F24 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 53 of 207
Dec 31, 2025
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(6/6)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input leakage
current, high
ILIH1
P00 to P03, P10 to P17, P30 to P32,
P40 to P47, P50 to P57, P60 to P67,
P70 to P77, P106, P107, P120, P125
to P127, P140, P150 to P157
VI = EVDD0
1
µA
ILIH2
P33, P34, P80 to P87, P90 to P97,
P100 to P105, P137,
RESET
VI = VDD
1
µA
ILIH3
P121 to P124
(X1, X2, XT1, XT2, EXCLK, EXCLKS)
VI = VDD
In input port or
external clock input
1
µA
In resonator
connection
10
µA
Input leakage
current, low
ILIL1
P00 to P03, P10 to P17, P30 to P32,
P40 to P47, P50 to P57, P60 to P67,
P70 to P77, P106, P107, P120, P125
to P127, P140, P150 to P157
VI = EVSS0
-1
µA
ILIL2
P33, P34, P80 to P87, P90 to P97,
P100 to P105, P137,
RESET
VI = VSS
-1
µA
ILIL3
P121 to P124
(X1, X2, XT1, XT2, EXCLK, EXCLKS)
VI = VSS
In input port or
external clock input
-1
µA
In resonator
connection
-10
µA
Positive injected
current Notes 1, 4
IINJPRMS P00 to P03, P10 to P17, P30 to P32,
P41 to P47, P50 to P57, P60 to P67,
P75 to P77, P106, P107, P126, P127,
P140, P150 to P157
Per pin, VI > EVDD0
0.4
mA
Total of all pins, VI > EVDD0
4
mA
P70 to P74, P80, P83 to P87 Note 2,
P90 to P97, P100 to P105, P120,
P125
Per pin, VI > VDD
0.15
mA
Total of all pins, VI > VDD
1
mA
P81 to P84 Note 3
Total of all pins, VI > VDD
0.15
mA
On-chip pull-up
resistance
RU
P00 to P03, P10 to P17, P30 to P32,
P40 to P47, P50 to P57, P60 to P67,
P70 to P77, P106, P107, P120, P125
to P127, P140, P150 to P157
VI = EVSS0, in input port
10
20
100
k
Ω
Notes 1. These specifications are not tested on sorting and are specified based on the device characterization.
2. For RL78/F24 product: P80, P86, P87
3. For RL78/F23 product: P81, P82
4. For RL78/F24 product, P85/ANI07/IVREF0 does not guarantee the electrical characteristics when a positive
injection current is generated even if it is within the above specifications.
Caution P10 to P17, P32, P60 to P63, P70 to P72, and P120 do not output high level in N-ch open-drain mode.
Remarks 1. Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.
2. VI :This is the input voltage level to the port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com