| Electronic Components Datasheet Search |
|
F24 Datasheet(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
F24 Datasheet(HTML) 27 Page - Renesas Technology Corp |
|
27 / 210 page ![]() RL78/F23, F24 2. PIN FUNCTIONS R01DS0446EJ0120 Rev.1.20 Page 27 of 207 Dec 31, 2025 (2/2) Function Name I/O Function After Reset Alternate Function P70 I/O Port 7 Input of P70, P71, and P73 can be set to TTL input buffer. P70 to P74 can be set to analog input. Use of an on-chip pull-up resistor can be specified by a software setting. Output from P70 to P72 can be set to N-ch open-drain output. For input to P70, P71, P73, and P75 to P77, the threshold level can be specified. Analog input port ANI26/KR0/TI15/TO15/INTP8/ SI11/SDA11/SNZOUT4 P71 ANI27/KR1/TI17/TO17/INTP6/ SCK11/SCL11/SNZOUT5 P72 ANI28/KR2/(CTXD0)/SO11/ SNZOUT6 P73 ANI29/KR3/(CRXD0)/SSI11/ SNZOUT7 P74 ANI30/KR4/(SO10)/(TXD1) P75 Input port KR5/(SI10)/(RXD1) P76 KR6/(SCK10) P77 KR7/(SSI10)/INTP12 P80 I/O Port 8 P80 to P87 can be set to analog input. Analog input port ANI0/ANO0 P81 ANI1 P82 ANI2/IVCMP00 P83 ANI3/IVCMP01 P84 ANI4/IVCMP02 P85 ANI5/IVCMP03/IVREF0 P86 ANI8 P87 ANI9 P90 I/O Port 9 P90 to P97 can be set to analog input. Analog input port ANI10 P91 ANI11 P92 ANI12 P93 ANI13 P94 ANI14 P95 ANI15 P96 ANI16 P97 ANI17 P100 I/O Port 10 P100 to P105 can be set to analog input. For P106 and P107, use of an on-chip pull-up resistor can be specified by a software setting. For input to P107, the threshold level can be specified. Analog input port ANI18 P101 ANI19 P102 ANI20 P103 ANI21 P104 ANI22 P105 ANI23 P106 Input port (LTXD1) P107 (LRXD1) P120 I/O Port 12 Input of P125 can be set to TTL input buffer. P120 and P125 can be set to analog input. For P120 and P125 to P127, use of an on-chip pull-up resistor can be specified by a software setting. Output from P120 can be set to N-ch open-drain output. For input to P120 and P125, the threshold level can be specified. Analog input port ANI25/TI07/TO07/TRDIOD0/ SO01/(SCK10)/(LTXD1)/INTP4 P121 Input Input port X1 P122 X2/EXCLK P123 XT1 P124 XT2/EXCLKS P125 I/O Analog input port ANI24/TI03/TO03/TRDIOB0/ SSI01/(LRXD1)/INTP1/SNZOUT1 P126 Input port (TI01)/(TO01) P127 (TI03)/(TO03) P130 Output Port 13 Output port RESOUT P137 Input Input port INTP0 P140 I/O Port 14 Use of an on-chip pull-up resistor can be specified by a software setting. Input port TRD1RES/PCLBUZ0 P150 I/O Port 15 Use of an on-chip pull-up resistor can be specified by a software setting. For input to P150, P152, and P153, the threshold level can be specified. Input port (SSI11) P151 (SO11) P152 (SI11) P153 (SCK11) P154 (SNZOUT7) P155 (SNZOUT6) P156 (SNZOUT5) P157 (SNZOUT4) Remark Functions in parentheses in the above table can be assigned via settings in the peripheral I/O redirection registers (PIORx). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |