Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 57Page - Renesas Technology Corp F24 Datasheet HTML 58Page - Renesas Technology Corp F24 Datasheet HTML 59Page - Renesas Technology Corp F24 Datasheet HTML 60Page - Renesas Technology Corp F24 Datasheet HTML 61Page - Renesas Technology Corp F24 Datasheet HTML 62Page - Renesas Technology Corp F24 Datasheet HTML 63Page - Renesas Technology Corp F24 Datasheet HTML 64Page - Renesas Technology Corp F24 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 61 of 207
Dec 31, 2025
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(2/2)
Notes 1. Pins RESET, INTP0 to INTP3, INTP12, and INTP13 have noise filters for transient levels lasting less than
100 ns.
2. TA = +25
°C, EVDD0 = 5.0 V
AC Timing Test Points
Test points
VIH
VIL
VIH
VIL
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Interrupt input high-level
width, low-level width
tINTH, tINTL INTP0 to INTP13 Note 1
1
µs
KR0 to KR7 key interrupt
input low-level width
tKR
250
ns
RESET low-level width
tRSL
Note 1
10
µs
Port output rise time, port
output fall time
tRO, tFO
P00 to P03, P10 to P17,
P30 to P32, P40 to P47,
P50 to P57, P60 to P67,
P70 to P77, P106, P107,
P120, P125 to P127,
P130, P140, P150 to P157
(normal slew rate)
C = 30 pF
4.0 V
≤ EVDD0 ≤ 5.5 V
25
ns
2.7 V
≤ EVDD0 < 4.0 V
55
ns
P10, P12, P14, P30, P120,
P140
(special slew rate)
C = 30 pF
4.0 V
≤ EVDD0 ≤ 5.5 V
25 Note 2
60
ns
2.7 V
≤ EVDD0 < 4.0 V
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com