Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 51Page - Renesas Technology Corp F24 Datasheet HTML 52Page - Renesas Technology Corp F24 Datasheet HTML 53Page - Renesas Technology Corp F24 Datasheet HTML 54Page - Renesas Technology Corp F24 Datasheet HTML 55Page - Renesas Technology Corp F24 Datasheet HTML 56Page - Renesas Technology Corp F24 Datasheet HTML 57Page - Renesas Technology Corp F24 Datasheet HTML 58Page - Renesas Technology Corp F24 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 55 of 207
Dec 31, 2025
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(2/2)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current
Notes 1, 3
IDD2
HALT mode Note 2
High-speed on-chip
oscillator clock
operation
fIH = 80 MHz
fCLK = 40 MHz
Note 5
3.4
12.0
mA
fIH = 40 MHz
fCLK = fIH Note 5
2.8
10.5
mA
fIH = 2 MHz
fCLK = fIH Note 5
0.5
1.8
mA
Resonator operation
fMX = 20 MHz
fCLK = fMX Note 6
1.5
6.5
mA
fMX = 2 MHz
fCLK = fMX Note 6
0.3
1.8
mA
Resonator operation
(PLL operation)
(PLL input clock = fMX)
fPLL = 80 MHz,
fMX = 20 MHz
fCLK = 40 MHz
Note 7
3.2
12.0
mA
fPLL = 40 MHz,
fMX = 20 MHz
fCLK = 40 MHz
Note 7
2.9
10.5
mA
fPLL = 40 MHz,
fMX = 4 MHz
fCLK = 40 MHz
Note 7
2.6
10.0
mA
Subsystem clock
operation
fSUB = 32.768
kHz
fCLK = fSUB Note 8
0.8
140
µA
Low-speed on-chip
oscillator clock
operation
fIL = 15 kHz
fCLK = fIL Note 9
0.8
140
µA
IDD3
STOP mode Note 4
TA = +25
°C
0.6
µA
TA = +50
°C
10
TA = +70
°C
25
TA = +105
°C
115
ISNOZ
SNOOZE mode
DTC operation
7.0
mA
Notes 1. Total current flowing into VDD and EVDD0, including the input leakage current flowing when the level of the input
pin is fixed to VDD, EVDD0, VSS, or EVSS0. However, not including the current flowing into the I/O buffer and on-
chip pull-up/pull-down resistors.
2. When HALT mode is entered during fetch from the flash memory.
3. The values below the MAX. column include the peripheral operation current and STOP leakage current.
However, the watchdog timer, LVD circuit, A/D converter, D/A converter, and comparator are stopped.
4. When high-speed system clock, subsystem clock, PLL clock, high-speed on-chip oscillator clock, and low-
speed on-chip oscillator clock are stopped.
5. When high-speed system clock, subsystem clock, PLL clock, and low-speed on-chip oscillator clock are
stopped.
6. When subsystem clock, PLL clock, high-speed on-chip oscillator clock, and low-speed on-chip oscillator clock
are stopped.
7. When subsystem clock, high-speed on-chip oscillator clock, and low-speed on-chip oscillator clock are stopped.
8. When high-speed system clock, PLL clock, high-speed on-chip oscillator clock, and low-speed on-chip
oscillator clock are stopped, and with setting of ADSLP = 1.
9. When high-speed system clock, subsystem clock, PLL clock, and high-speed on-chip oscillator clock are
stopped, and with setting of ADSLP = 1.
Remarks 1. fMX: High-speed system clock frequency
2. fSUB: Subsystem clock frequency
3. fPLL: PLL clock frequency
4. fIH: High-speed on-chip oscillator clock frequency
5. fIL: Low-speed on-chip oscillator clock frequency
6. fCLK: CPU/peripheral hardware clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com