Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 70Page - Renesas Technology Corp F24 Datasheet HTML 71Page - Renesas Technology Corp F24 Datasheet HTML 72Page - Renesas Technology Corp F24 Datasheet HTML 73Page - Renesas Technology Corp F24 Datasheet HTML 74Page - Renesas Technology Corp F24 Datasheet HTML 75Page - Renesas Technology Corp F24 Datasheet HTML 76Page - Renesas Technology Corp F24 Datasheet HTML 77Page - Renesas Technology Corp F24 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 74 of 207
Dec 31, 2025
(8) Communication at different potential (UART mode) (TXD output buffer: N-ch open-drain, RXD input buffer:
TTL)
(TA = -40 to +105
°C, 4.0 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
–
Reception
2.7 V
≤ Vb ≤ EVDD0,
VIH = 2.2 V,
VIL = 0.8 V
fMCK/6
bps
Theoretical value of the
maximum transfer rate Note
(Cb = 30 pF)
5.3
Mbps
Transmission
2.7 V
≤ Vb ≤ EVDD0,
VOH = 2.2 V,
VOL = 0.8 V
Smaller number
of the values
given by fMCK/6
and expression
1 is applicable.
bps
Theoretical value of the
maximum transfer rate Note
(Cb = 30 pF)
Normal slew rate
5.3
Mbps
Note Expression 1: Maximum transfer rate = 1 / [{ -Cb × Rb × ln (1 - 2.2/Vb) } × 3]
UART mode connection diagram (during communication at different potential)
User's device
RL78
microcontroller
TXD0, TXD1
RXD0, RXD1
RX
TX
Vb
Rb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com