Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 42Page - Renesas Technology Corp F24 Datasheet HTML 43Page - Renesas Technology Corp F24 Datasheet HTML 44Page - Renesas Technology Corp F24 Datasheet HTML 45Page - Renesas Technology Corp F24 Datasheet HTML 46Page - Renesas Technology Corp F24 Datasheet HTML 47Page - Renesas Technology Corp F24 Datasheet HTML 48Page - Renesas Technology Corp F24 Datasheet HTML 49Page - Renesas Technology Corp F24 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 46 of 207
Dec 31, 2025
3.2.3 Subsystem Clock Oscillator Characteristics
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Resonator
Recommended Circuit
Item
Conditions
MIN.
TYP.
MAX.
Unit
Crystal resonator
XT1 clock oscillation frequency (fXT)
2.7 V
≤ VDD ≤ 5.5 V
29.0
32.768
35.0
kHz
Cautions 1. When using the XT1 oscillator, wire as follows in the area enclosed by the broken lines in the above
figures to avoid an adverse effect from wiring capacitance.
 Keep the wiring length as short as possible.
 Do not cross the wiring with the other signal lines.
 Do not route the wiring near a signal line through which a high fluctuating current flows.
 Always make the ground point of the oscillator capacitor the same potential as VSS.
 Do not ground the capacitor to a ground pattern through which a high current flows.
 Do not fetch signals from the oscillator.
2. The XT1 oscillator is designed as a low-amplitude circuit for reducing power consumption and thus
required to be adequately evaluated on the system. Customers are requested to consult the
resonator manufacturer to select an appropriate resonator and to determine the proper oscillation
constant.
Rd
XT2
XT1
VSS
C3
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com