Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 72Page - Renesas Technology Corp F24 Datasheet HTML 73Page - Renesas Technology Corp F24 Datasheet HTML 74Page - Renesas Technology Corp F24 Datasheet HTML 75Page - Renesas Technology Corp F24 Datasheet HTML 76Page - Renesas Technology Corp F24 Datasheet HTML 77Page - Renesas Technology Corp F24 Datasheet HTML 78Page - Renesas Technology Corp F24 Datasheet HTML 79Page - Renesas Technology Corp F24 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 76 of 207
Dec 31, 2025
(9)
During communication at different potential (3-V supply system) (CSI mode) (master mode, SCKp … internal
clock output, normal slew rate)
(TA = -40 to +105
°C, 4.0 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCKp cycle time
tKCY1
2.7 V
≤ Vb ≤ EVDD0,
Cb = 30 pF, Rb = 1.4 kΩ
400 Note3
ns
SCKp high-level width
tKH1
2.7 V
≤ Vb ≤ EVDD0,
Cb = 30 pF, Rb = 1.4 kΩ
tKCY1/2 - 75
ns
SCKp low-level width
tKL1
2.7 V
≤ Vb ≤ EVDD0,
Cb = 30 pF, Rb = 1.4 kΩ
tKCY1/2 - 20
ns
SIp setup time (to SCKp
↑) Note 1
tSIK1
2.7 V
≤ Vb ≤ EVDD0,
Cb = 30 pF, Rb = 1.4 kΩ
150
ns
SIp setup time (to SCKp
↓) Note 2
tSIK1
2.7 V
≤ Vb ≤ EVDD0,
Cb = 30 pF, Rb = 1.4 kΩ
70
ns
SIp hold time (from SCKp
↑) Note 1
tKSI1
2.7 V
≤ Vb ≤ EVDD0,
Cb = 30 pF, Rb = 1.4 kΩ
30
ns
SIp hold time (from SCKp
↓) Note 2
tKSI1
2.7 V
≤ Vb ≤ EVDD0,
Cb = 30 pF, Rb = 1.4 kΩ
30
ns
Delay time from SCKp
↓ to SOp output Note1
tKSO1
2.7 V
≤ Vb ≤ EVDD0,
Cb = 30 pF, Rb = 1.4 kΩ
120
ns
Delay time from SCKp
↑ to SOp output Note2
tKSO1
2.7 V
≤ Vb ≤ EVDD0,
Cb = 30 pF, Rb = 1.4 kΩ
40
ns
Notes 1. When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.
2. When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.
3. tKCY1
≥ 4/fMCK must also be satisfied.
CSI mode connection diagram (during communication at different potential)
Caution Select the TTL input buffer for the SIp pin and N-ch open-drain output mode for the SOp pin and
SCKp pin.
Remarks 1. Rb [Ω]: Communication line (SCKp, SOp) pull-up resistance, Cb [F]: Communication line (SOp, SCKp) load
capacitance, Vb [V]: Communication line voltage
2. p: CSIp (p = 00, 01, 10, 11), m: Unit m (m = 0, 1), n: Channel n (n = 0, 1)
3. AC characteristics of the serial array unit during communication at different potential in CSI mode are
measured with the VIH and VIL below:
When 4.0 V
≤ EVDD0 ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V: VIH = 2.2 V, VIL = 0.8 V
User's device
RL78
microcontroller
SCKp
SSIp
SCK
SI
Vb
Rb
Vb
Rb
SOp
SIp
SO
<Master>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com