Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 82Page - Renesas Technology Corp F24 Datasheet HTML 83Page - Renesas Technology Corp F24 Datasheet HTML 84Page - Renesas Technology Corp F24 Datasheet HTML 85Page - Renesas Technology Corp F24 Datasheet HTML 86Page - Renesas Technology Corp F24 Datasheet HTML 87Page - Renesas Technology Corp F24 Datasheet HTML 88Page - Renesas Technology Corp F24 Datasheet HTML 89Page - Renesas Technology Corp F24 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 86 of 207
Dec 31, 2025
(2)
When Reference voltage (+) = VDD, Reference voltage (-) = VSS,
target ANI pin: ANI0 to ANI30, Internal reference voltage (+).
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V, Reference voltage (+) = VDD,
Reference voltage (-) = VSS)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
12
bit
Overall error Note 1
ABS
ANI0 to ANI23 Note 2, [4.5 V ≤ VDD ≤ 5.5 V]
±13.0
LSB
ANI0 to ANI23 Note 2, [2.7 V ≤ VDD < 4.5 V]
±15.0
LSB
ANI1, ANI2 Note 3, [4.5 V ≤ VDD ≤ 5.5 V],
[0.25 V ≤ VAIN ≤ VDD - 0.25 V]
±14.0
LSB
ANI1, ANI2 Note 3, [2.7 V ≤ VDD < 4.5 V],
[0.25 V ≤ VAIN ≤ VDD - 0.25 V]
±16.0
LSB
ANI24 to ANI30, [4.5 V ≤ VDD ≤ 5.5 V]
±19.0
LSB
ANI24 to ANI30, [2.7 V ≤ VDD < 4.5 V]
±21.0
LSB
Integral linearity error Note 1
INL
ANI0 to ANI23
±7.0
LSB
ANI24 to ANI30
±9.0
LSB
Differential linearity error Note 1
DNL
ANI0 to ANI23
±3.5
LSB
ANI24 to ANI30
±5.5
LSB
Zero-scale error Note 1
ZSE
ANI0 to ANI23 Note 2
±14.5
LSB
ANI24 to ANI30
±18.5
LSB
Full-scale error Note 1
FSE
ANI0 to ANI23 Note 2
±14.5
LSB
ANI24 to ANI30
±18.5
LSB
Analog input voltage
VAIN
ANI0 to ANI30
0
VDD
V
Internal reference voltage (+)
VBGR
2.7 V ≤ VDD ≤ 5.5 V
1.38
1.45
1.5
V
Analog input slew rate
SR
0.4
V/µs
Operation clock
fAD
2
40
MHz
Conversion time Note 4
(per 1 channel)
tCONV
ADCLK = 40 MHz, input impedance ≤ 0.5 kΩ
ANI0 to ANI15 Note 2
1.125
µs
ANI16 to ANI30
1.8
µs
ANI1, ANI2 Note 3
2.1
µs
Notes 1. Excludes quantization error (
±1/2 LSB).
2. In case that dedicated sample & hold circuit is not used.
3. In case that dedicated sample & hold circuit is used.
4. The A/D conversion processing time (tCONV) consists of sampling time and time for conversion by successive
approximation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com