Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 80Page - Renesas Technology Corp F24 Datasheet HTML 81Page - Renesas Technology Corp F24 Datasheet HTML 82Page - Renesas Technology Corp F24 Datasheet HTML 83Page - Renesas Technology Corp F24 Datasheet HTML 84Page - Renesas Technology Corp F24 Datasheet HTML 85Page - Renesas Technology Corp F24 Datasheet HTML 86Page - Renesas Technology Corp F24 Datasheet HTML 87Page - Renesas Technology Corp F24 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 84 of 207
Dec 31, 2025
3.6 Analog Characteristics
3.6.1 A/D Converter Characteristics
Classification of A/D converter characteristics
Reference
Input channel
Reference voltage (+) = AVREFP
Reference voltage (-) = AVREFM
Reference voltage (+) = VDD
Reference voltage (-) = VSS
ANI0 to ANI5,ANI8 to ANI30
3.6.1 (1)
3.6.1 (2)
ANI6,ANI7
-
3.6.1 (2)
Internal reference voltage (+)
3.6.1 (1)
3.6.1 (2)
(1)
When Reference voltage (+) = AVREFP, Reference voltage (-) = AVREFM = 0 V,
target ANI pin: ANI0 to ANI5, ANI8 to ANI30, Internal reference voltage (+).
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V, Reference voltage (+) = AVREFP,
Reference voltage (-) = AVREFM = 0 V)
(1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
12
bit
Overall error Note 1
ABS
ANI0 to ANI5, ANI8 to ANI23 Note 2,
[4.5 V ≤ AVREFP = VDD ≤ 5.5 V]
±5.0
LSB
ANI0 to ANI5, ANI8 to ANI23 Note 2,
[2.7 V ≤ AVREFP = VDD < 4.5 V]
±5.0
LSB
ANI1, ANI2 Note 3,
[4.5 V ≤ AVREFP = VDD ≤ 5.5 V]
[0.25 V ≤ VAIN ≤ VDD - 0.25 V]
±6.0
LSB
ANI1, ANI2 Note 3,
[2.7 V ≤ AVREFP = VDD < 4.5 V]
[0.25 V ≤ VAIN ≤ VDD - 0.25 V]
±8.0
LSB
ANI24 to ANI30,
[4.5 V ≤ AVREFP = VDD ≤ 5.5 V]
±11.0
LSB
ANI24 to ANI30,
[2.7 V ≤ AVREFP = VDD < 4.5 V]
±13.0
LSB
Integral linearity error Note 1
INL
ANI0 to ANI5, ANI8 to ANI23, [AVREFP = VDD]
±3.0
LSB
ANI24 to ANI30, [AVREFP = VDD]
±7.0
LSB
Differential linearity error Note 1
DNL
ANI0 to ANI5, ANI8 to ANI23, [AVREFP = VDD]
±1.5
LSB
ANI24 to ANI30, [AVREFP = VDD]
±3.5
LSB
Zero-scale error Note 1
ZSE
ANI0 to ANI5, ANI8 to ANI23 Note 2,
[AVREFP = VDD]
±4.5
LSB
ANI24 to ANI30, [AVREFP = VDD]
±8.5
LSB
Full-scale error Note 1
FSE
ANI0 to ANI5, ANI8 to ANI23 Note 2,
[AVREFP = VDD]
±4.5
LSB
ANI24 to ANI30, [AVREFP = VDD]
±8.5
LSB
(Notes are at the end of this table.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com