Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 2Page - Renesas Technology Corp F24 Datasheet HTML 3Page - Renesas Technology Corp F24 Datasheet HTML 4Page - Renesas Technology Corp F24 Datasheet HTML 5Page - Renesas Technology Corp F24 Datasheet HTML 6Page - Renesas Technology Corp F24 Datasheet HTML 7Page - Renesas Technology Corp F24 Datasheet HTML 8Page - Renesas Technology Corp F24 Datasheet HTML 9Page - Renesas Technology Corp F24 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 210 page
background image
RL78/F23, F24
1. OVERVIEW
R01DS0446EJ0120 Rev.1.20
Page 6 of 207
Dec 31, 2025
Table 1-5. RL78/F23 Functions List (2/2)
Function Items
Series Name
R7F123FMG
R7F123FLG
R7F123FGG
R7F123FBG
Pin Count
80 pins
64 pins
48 pins
32 pins
Serial I/F
CSI/simplified I2C /UART
4 ch / 4 ch / 2 ch
3 ch / 3 ch / 2 ch
SPI
Yes
Multimaster I2C
1 ch
LIN/UART module (RLIN3)
1 ch
CAN interface (RS-CANFD lite)
None
A/D converter
12 bit
High Speed
16 ch
16 ch
13 ch
8 ch
Normal Speed
9 ch
8 ch
6 ch
2 ch
Internal
1 ch (Internal reference voltage)
D/A converter
8-bit
None
Comparator
None
ELC
None
PCLBUZ
1 ch
None
Application accelerator unit
Yes
Self-programming
Yes
On-chip debug
Trace
Yes
Hot plug-in
Yes
Option byte
Yes
Security Functions
AESEA
ECB/CBC mode and CMAC (AES-128, 192, 256)
Random Number Generator (TRNG)
Yes
Notes 1. The following pairs of internal and external sources are each counted as a single source in this number: INTP4
and INTSPM.
2. The following pairs of internal and external sources are each counted as a single source in this number: INTP4
and INTSPM, INTP6 and INTTM11H, INTP7 and INTTM13H, INTP8 and INTRTC, INTP9 and INTTM01H.
3. The following pairs of internal and external sources are each counted as a single source in this number: INTP4
and INTSPM, INTP6 and INTTM11H, INTP7 and INTTM13H, INTP8 and INTRTC, INTP9 and INTTM01H, INTP10
and INTTM03H.
4. The following pairs of internal and external sources are each counted as a single source in this number: INTP4
and INTSPM, INTP6 and INTTM11H, INTP7 and INTTM13H, INTP8 and INTRTC, INTP9 and INTTM01H, INTP10
and INTTM03H, INTP13 and INTCLM.
5. INTP11 and INTLIN0WUP are counted as a single source because using them at the same time is not possible.
6. Do not use the XT1 and XT2 pin functions in grade-5 products.
7. These functions are provided but they are not Safety Mechanism.
・
Illegal instruction execution detection function
・
SFR/RAM guard function
・
I/O port output signal level detection function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com