Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 67Page - Renesas Technology Corp F24 Datasheet HTML 68Page - Renesas Technology Corp F24 Datasheet HTML 69Page - Renesas Technology Corp F24 Datasheet HTML 70Page - Renesas Technology Corp F24 Datasheet HTML 71Page - Renesas Technology Corp F24 Datasheet HTML 72Page - Renesas Technology Corp F24 Datasheet HTML 73Page - Renesas Technology Corp F24 Datasheet HTML 74Page - Renesas Technology Corp F24 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 210 page
background image
RL78/F23, F24
3. ELECTRICAL SPECIFICATIONS (GRADE 3)
R01DS0446EJ0120 Rev.1.20
Page 71 of 207
Dec 31, 2025
(6)
During communication at same potential (simplified I2C mode)
(SDAr: N-ch open-drain output (EVDD tolerance) mode, SCLr: normal output mode)
(TA = -40 to +105
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCLr clock frequency
fSCL
1000 Note
kHz
Hold time when SCLr = “L”
tLOW
475
ns
Hold time when SCLr = “H”
tHIGH
475
ns
Data setup time (reception)
tSU:DAT
1/fMCK + 85
ns
Data hold time (transmission)
tHD:DAT
Cb = 50 pF, Rb = 2.7 k
Ω
0
305
ns
Note fCLK
≤ fMCK/4 must also be satisfied.
Simplified I2C mode connection diagram (during communication at same potential)
Simplified I2C mode serial transfer timing (during communication at same potential)
Caution Select the normal input buffer and N-ch open-drain output mode for the SDAr pin and normal output
mode for the SCLr pin.
Remarks 1. Rb [Ω]: Communication line (SDAr) pull-up resistance, Cb [F]: Communication line (SCLr, SDAr) load
capacitance
2. r: IICr (r = 00, 01, 10, 11)
3. fMCK: Serial array unit operation clock frequency
User's device
RL78
microcontroller
SDAr
SCLr
SDA
SCL
VDD
Rb
1/fSCL
tLOW
tHIGH
SCLr
SDAr
tHD:DAT
tSU:DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com