Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 97Page - Renesas Technology Corp F24 Datasheet HTML 98Page - Renesas Technology Corp F24 Datasheet HTML 99Page - Renesas Technology Corp F24 Datasheet HTML 100Page - Renesas Technology Corp F24 Datasheet HTML 101Page - Renesas Technology Corp F24 Datasheet HTML 102Page - Renesas Technology Corp F24 Datasheet HTML 103Page - Renesas Technology Corp F24 Datasheet HTML 104Page - Renesas Technology Corp F24 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 210 page
background image
RL78/F23, F24
4. ELECTRICAL SPECIFICATIONS (GRADE 4)
R01DS0446EJ0120 Rev.1.20
Page 101 of 207
Dec 31, 2025
4.3 DC Characteristics
4.3.1 Pin Characteristics
For the relationship between the port pins shown in the following tables and the products, refer to 2. PIN FUNCTIONS.
(TA = -40 to +125
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(1/6)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output current, high Note 1
IOH1
Per pin for P00 to P03, P10
to P17, P30 to P32, P40 to
P47, P50 to P57, P60 to P67,
P70 to P77, P106, P107,
P120, P125 to P127, P130,
P140, P150 to P157
4.0 V
≤ EVDD0 ≤ 5.5 V
-5.0
mA
2.7 V
≤ EVDD0 < 4.0 V
-3.0
mA
Per pin for P10, P12, P14,
P30, P120, P140
(special slew rate)
4.0 V
≤ EVDD0 ≤ 5.5 V
-0.6
mA
2.7 V
≤ EVDD0 < 4.0 V
-0.2
mA
Total of P01, P02, P40 to
P47, P120, P125 to P127,
P150 to P153
(for duty factors
≤ 70% Note 2)
4.0 V
≤ EVDD0 ≤ 5.5 V
-20.0
mA
2.7 V
≤ EVDD0 < 4.0 V
-10.0
mA
Total of P00, P03, P10 to
P17, P30 to P32, P50 to P57,
P60 to P67, P70 to P77,
P106, P107, P130, P140,
P154 to P157
(for duty factors
≤ 70% Note 2)
4.0 V
≤ EVDD0 ≤ 5.5 V
-30.0
mA
2.7 V
≤ EVDD0 < 4.0 V
-19.0
mA
Total of all pins
(for duty factors
≤ 70% Note 2)
4.0 V
≤ EVDD0 ≤ 5.5 V
-42.0
mA
2.7 V
≤ EVDD0 < 4.0 V
-29.0
mA
IOH2
Per pin for P33, P34, P80 to
P87, P90 to P97, P100 to
P105
2.7 V
≤ VDD ≤ 5.5 V
-0.1
mA
Total of all pins
(for duty factors
≤ 70% Note 2)
2.7 V
≤ VDD ≤ 5.5 V
-2.0
mA
Notes 1. Value of current at which the device operation is guaranteed even if the current flows from pins EVDD0, EVDD1
and VDD to an output pin.
2. These output current values are obtained under the condition that the duty factor is no greater than 70%.
The output current values when the duty factor is changed to a value greater than 70% can be calculated from
the following expression (when the duty factor is changed to n%).
• Total output current of pins (IOH × 0.7) / (n × 0.01)
<Example> Where n = 80% and IOH = -10.0 mA
Total output current of pins = (-10.0
× 0.7) / (80 × 0.01) ≈ -8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
A current higher than the absolute maximum rating must not flow into one pin.
Caution P10 to P17, P32, P60 to P63, P70 to P72, and P120 do not output high level in N-ch open-drain mode.
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com