Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 161Page - Renesas Technology Corp F24 Datasheet HTML 162Page - Renesas Technology Corp F24 Datasheet HTML 163Page - Renesas Technology Corp F24 Datasheet HTML 164Page - Renesas Technology Corp F24 Datasheet HTML 165Page - Renesas Technology Corp F24 Datasheet HTML 166Page - Renesas Technology Corp F24 Datasheet HTML 167Page - Renesas Technology Corp F24 Datasheet HTML 168Page - Renesas Technology Corp F24 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 210 page
background image
RL78/F23, F24
5. ELECTRICAL SPECIFICATIONS (GRADE 5)
R01DS0446EJ0120 Rev.1.20
Page 165 of 207
Dec 31, 2025
5.4 AC Characteristics
5.4.1 Basic Operation
(TA = -40 to +150
°C, 2.7 V ≤ EVDD0 = EVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Instruction cycle (minimum
instruction execution time)
TCY
High-speed on-chip oscillator clock operation
0.025
0.5
µs
High-speed system clock operation
0.05
0.5
µs
PLL clock operation
0.025
0.5
µs
Subsystem clock operation
28.5
30.5
34.5
µs
Low-speed on-chip oscillator clock operation
66.6
µs
In self programming mode
0.025
0.5
µs
CPU/peripheral hardware
clock frequency
fCLK
0.025
66.6
µs
External system clock
frequency
fEX
2.0
20.0
MHz
fEXS
29
35
kHz
External system clock input
high-level width, low-level
width
tEXH, tEXL
24
ns
tEXHS, tEXLS
13.7
µs
TI00 to TI07, TI10 to TI17
input high-level width, low-
level width
tTIH, tTIL
1/fMCK+10
ns
TO00 to TO07,
TO10 to TO17,
TRDIOA0, TRDIOA1,
TRDIOB0, TRDIOB1,
TRDIOC0, TRDIOC1,
TRDIOD0, TRDIOD1,
TRJIO0, TRJO0
output frequency
fTO
Normal slew rate,
C = 30 pF
4.0 V
≤ EVDD0 ≤ 5.5 V
16
MHz
2.7 V
≤ EVDD0 < 4.0 V
8
MHz
TO01, TO06, TO07,
TO11, TO13,
TRDIOC0, TRDIOD0,
TRDIOD1, TRJO0 only,
Special slew rate,
C = 30 pF
2
MHz
PCLBUZ0 output frequency
fPCL
Normal slew rate
C = 30 pF
4.0 V
≤ EVDD0 ≤ 5.5 V
16
MHz
2.7 V
≤ EVDD0 < 4.0 V
8
MHz
Special slew rate
C = 30 pF
2
MHz
Timer RJ input cycle
tC
TRJIO0
100
ns
Timer RJ input high-level
width, low-level width
tTJIH, tTJIL
TRJIO0
40
ns
Timer RDe input high-level,
low-level width
tTDIH, tTDIL
TRDIOA0, TRDIOA1, TRDIOB0, TRDIOB1,
TRDIOC0, TRDIOC1, TRDIOD0, TRDIOD1,
TRDCLK0, TRD0RES, TRD1RES
3/fTRD
ns
Timer RDe pulse output
forced cutoff signal low-
level width
tTDSIL
P137/INTP0
2 MHz < fCLK
≤ 40 MHz
1
µs
fCLK
≤ 2 MHz
1/fCLK + 1
µs
Caution Excluding the error in oscillation frequency accuracy.
Remarks 1. fMCK: Timer array unit operation clock frequency
2. fTRD: Timer RDe operation clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com