Electronic Components Datasheet Search
  English  ▼

X  

F24 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # F24
Description  RENESAS MCU
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F24 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button F24 Datasheet HTML 202Page - Renesas Technology Corp F24 Datasheet HTML 203Page - Renesas Technology Corp F24 Datasheet HTML 204Page - Renesas Technology Corp F24 Datasheet HTML 205Page - Renesas Technology Corp F24 Datasheet HTML 206Page - Renesas Technology Corp F24 Datasheet HTML 207Page - Renesas Technology Corp F24 Datasheet HTML 208Page - Renesas Technology Corp F24 Datasheet HTML 209Page - Renesas Technology Corp F24 Datasheet HTML 210Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 208 / 210 page
background image
R01DS0446EJ0120 Rev.1.20
(A−1)
Dec 31, 2025
REVISION HISTORY
RL78/F23, F24 Datasheet
Rev
Date
Description
Page
Summary
1.10
Jun 30, 2024
‒
First edition issued.
1.20
Dec 31, 2025
2
Modification of Table 1-1. RL78/F23, F24 Lineup (Grade-3)
2
Modification of Table 1-2. RL78/F23, F24 Lineup (Grade-4)
2
Modification of Table 1-3. RL78/F23, F24 Lineup (Grade-5)
16
Modification of Figure 1-10. RL78/F24 Pin Configuration for 100-pin Products
17
Modification of Figure 1-11. RL78/F24 Pin Configuration for 80-pin Products
18
Modification of Figure 1-12. RL78/F23 Pin Configuration for 80-pin Products
19
Modification of Figure 1-13. RL78/F24 Pin Configuration for 64-pin Products
20
Modification of Figure 1-14. RL78/F23 Pin Configuration for 64-pin Products
21
Modification of Figure 1-15. RL78/F24 Pin Configuration for 48-pin Products
22
Modification of Figure 1-16. RL78/F23 Pin Configuration for 48-pin Products
23
Modification of Figure 1-17. RL78/F24 Pin Configuration for 32-pin Products
24
Modification of Figure 1-18. RL78/F23 Pin Configuration for 32-pin Products
65
Modification of Note 5 in (2) During communication at same potential (CSI mode)
(master mode, SCKp … internal clock output, normal slew rate)
66
Modification of Note 5 in (3) During communication at same potential (CSI mode)
(master mode, SCKp … internal clock output, special slew rate)
76
Modification of Note 3 in (9) During communication at different potential (3-V supply
system) (CSI mode) (master mode, SCKp … internal clock output, normal slew rate)
82
Modification of 3.5.2 Serial Interface IICA
118
Modification of Note 5 in (2) During communication at same potential (CSI mode)
(master mode, SCKp … internal clock output, normal slew rate)
119
Modification of Note 5 in (3) During communication at same potential (CSI mode)
(master mode, SCKp … internal clock output, special slew rate)
129
Modification of Note 3 in (9) During communication at different potential (3-V supply
system) (CSI mode) (master mode, SCKp … internal clock output, normal slew rate)
135
Modification of 4.5.2 Serial Interface IICA
170
Modification of Note 5 in (2) During communication at same potential (CSI mode)
(master mode, SCKp … internal clock output, normal slew rate)
171
Modification of Note 5 in (3) During communication at same potential (CSI mode)
(master mode, SCKp … internal clock output, special slew rate)
181
Modification of Note 3 in (9) During communication at different potential (3-V supply
system) (CSI mode) (master mode, SCKp … internal clock output, normal slew rate)
187
Modification of 5.5.2 Serial Interface IICA
198
Modification of 6.1 32-pin Products
199
Addition of Figure PWQN0032KH-A in 6.1 32-pin Products
All trademarks and registered trademarks are the property of their respective owners.
SuperFlash is a registered trademark of Silicon Storage Technology, Inc. in several countries including the United States
and Japan.
Caution: This product uses SuperFlash® technology licensed from Silicon Storage Technology, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com