Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 41 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 41 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 37Page - Siemens Semiconductor Group C511 Datasheet HTML 38Page - Siemens Semiconductor Group C511 Datasheet HTML 39Page - Siemens Semiconductor Group C511 Datasheet HTML 40Page - Siemens Semiconductor Group C511 Datasheet HTML 41Page - Siemens Semiconductor Group C511 Datasheet HTML 42Page - Siemens Semiconductor Group C511 Datasheet HTML 43Page - Siemens Semiconductor Group C511 Datasheet HTML 44Page - Siemens Semiconductor Group C511 Datasheet HTML 45Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
Semiconductor Group
6-8
On-Chip Peripheral Units
6.1.2 Port 0 and Port 2 used as Address/Data Bus
As shown in figure 6-16a and below in figure 6-16b, the output drivers of ports 0 and 2 can be
switched to an internal address or address/data bus for use in external memory accesses. In this
application they cannot be used as general purpose I/O, even if not all address lines are used
externally. The switching is done by an internal control signal dependent on the input level at the
EA pin and/or the contents of the program counter. If the ports are configured as an address/data
bus, the port latches are disconnected from the driver circuit. During this time, the P2 SFR remains
unchanged while the P0 SFR has 1’s written to it. Being an address/data bus, port 0 uses a pullup
FET as shown in figure 6-16a. When a 16-bit address is used, port 2 uses the additional strong
pullups p1 to emit 1’s for the entire external memory cycle instead of the weak ones (p2 and p3)
used during normal port activity.
Figure 6-16b
Port 2 Circuitry
MCS02123
D
CLK
Bit
Latch
Q
Q
Control
Addr.
MUX
Internal
Pull Up
Arrangement
V
CC
Port
Pin
Int. Bus
Write to
Pin
Read
Latch
Latch
Read
=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com