Electronic Components Datasheet Search
  English  ▼

X  

C511 Datasheet(PDF) 54 Page - Siemens Semiconductor Group

Part # C511
Description  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 Datasheet(HTML) 54 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 50Page - Siemens Semiconductor Group C511 Datasheet HTML 51Page - Siemens Semiconductor Group C511 Datasheet HTML 52Page - Siemens Semiconductor Group C511 Datasheet HTML 53Page - Siemens Semiconductor Group C511 Datasheet HTML 54Page - Siemens Semiconductor Group C511 Datasheet HTML 55Page - Siemens Semiconductor Group C511 Datasheet HTML 56Page - Siemens Semiconductor Group C511 Datasheet HTML 57Page - Siemens Semiconductor Group C511 Datasheet HTML 58Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 128 page
background image
On-Chip Peripheral Units
Semiconductor Group
6-21
6.2.1.4 Mode 3
Mode 3 has different effects on timer 0 and timer 1. Timer 1 in mode 3 simply holds its count and
stops counting. The effect is the same as setting TR1=0. Timer 0 in mode 3 establishes TL0 and
TH0 as two seperate counters. The logic for mode 3 on timer 0 is shown in figure 6-22. TL0 uses
the timer 0 control bits: C/T, Gate, TR0, INT0 and TF0. TH0 is locked into a timer function (counting
machine cycles) and takes over the use of TR1 and TF1 from timer 1. Thus, TH0 now controls the
"timer 1" interrupt.
Mode 3 is provided for applications requiring an extra 8-bit timer or counter. When timer 0 is in
mode 3, timer 1 can be turned on and off by switching it out of and into its own mode 3, or can still
be used by the serial channel as a baud rate generator, or in fact, in any application not requiring
an interrupt from timer 1 itself.
Figure 6-22
Timer/Counter 0, Mode 3: Two 8-Bit Timers/Counters
MCS02096
1
&
OSC
C/T = 0
TL0
TF0
C/T = 1
(8 Bits)
TR1
Gate
P3.2/INT0
Control
Interrupt
(8 Bits)
TH0
Interrupt
TF1
Control
TR1
/12
f OSC
OSC
f
/12
P3.4/T0
÷ 12
=1
< _



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com